Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC533 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC533
Description  High-Speed 4:1 Analog Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC533 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  CLC533 Datasheet HTML 1Page - National Semiconductor (TI) CLC533 Datasheet HTML 2Page - National Semiconductor (TI) CLC533 Datasheet HTML 3Page - National Semiconductor (TI) CLC533 Datasheet HTML 4Page - National Semiconductor (TI) CLC533 Datasheet HTML 5Page - National Semiconductor (TI) CLC533 Datasheet HTML 6Page - National Semiconductor (TI) CLC533 Datasheet HTML 7Page - National Semiconductor (TI) CLC533 Datasheet HTML 8Page - National Semiconductor (TI) CLC533 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
http://www.national.com
6
above 1/2 the sampling frequency will be aliased into
the baseband and will corrupt the signal of interest.
When the CLC533 is switched from one channel to
another, the output slews rapidly until it arrives at
the new signal. This high slew rate signal can capac-
itively couple into other nodes in the circuit and can
have a detrimental effect on overall performance.
Since
coupling
through
stray
capacitance
and
inductances decreases with decreasing dV/dt, the
slew rate should be minimized consistent with system
throughput requirements.
Figure 1: ECL Level Channel SELECT Configuration
Figure 2: TTL/CMOS Level Channel
SELECT Configuration
Output Load
The final frequency response that is realized is a result of
both the compensation capacitor and the load that the
CLC533 is driving. Figure 3 below shows the effect that
CCOMP has on bandwidth for a fixed load. Graphs on the
preceding pages demonstrate the effect of CCOMP on
pulse response and settling time, and the optimum value
of CCOMP to maximize bandwidth for various amounts of
resistive loading. Because there are so many factors that
go into determining the optimum value of CCOMP it is
recommended that once a value is selected, the
application circuit be built up and larger and smaller
compensation capacitors be tried to determine the best
value for that particular circuit.
The output load that the CLC533 is driving has an effect
on the harmonic distortion of the device as well as
frequency response. Distortion is minimized with a 500
Ω
load. When driving components with a high input
impedance, addition of a load resistor can improve the
performance. If the load is capacitive in nature, it should
be isolated from the CLC533 output via a series resistor.
The recommended series resistor Rs, for various
capacitive loads CL, can be found by referring to the
“Recommended Compensation Cap vs. Load” plot in the
“Typical Performance” section.
Figure 3
Power Supplies and Grounding
In
any
circuit
there
are
connections
between
components that are not desired. Some of the most com-
mon of these are the connections made through the
power supply and grounding network. The goal in laying
out the power and ground network for a mixed mode
circuit is to minimize the impedance from the power pins
to the supply, and minimize the impedance of the ground
network.
To minimize impedance of the ground and power nets,
use the heaviest possible traces and ground planes for
minimizing the DC impedance. To further reduce the
supply impedance at higher frequencies, a 6 to 10
µF
capacitor should be placed between supply lines and
ground. At very high frequencies, the inductance in the
traces becomes significant and 0.01 to 0.1
µF bypass
capacitors need to be placed as close to each power pin
as is practical. To reduce the negative effects of ground
impedances that will exist, consider the paths that ground
currents must take to get from the various devices on the
circuit card to the power supply. To achieve good system
performance, it is vital that large currents and high-speed
time varying currents like CMOS signals, be kept away
from precision analog components. This can be achieved
through layout of the power and ground nets. Using a
ground plane split between analog and digital sections of
the circuit forces all of the ground current from the digital
circuits to go directly to the power connector without
straying to the analog side of the card.
Optimizing for Channel-to-Channel Isolation
Although
the
CLC533
has
excellent
channel-to-
channel isolation, if there is cross talk between the input
signals
before
they
reach
the
CLC533,
the
multiplexer will faithfully pass these corrupted signals
through to its output and dutifully take the blame for poor
Small Signal Bandwidth (30MHz/div)
50
Ω
50
Ω
81
Ω
130
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com