Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP200 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # ECP200
Description  2.0 WATT POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

ECP200 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  ECP200 Datasheet HTML 1Page - EIC discrete Semiconductors ECP200 Datasheet HTML 2Page - EIC discrete Semiconductors ECP200 Datasheet HTML 3Page - EIC discrete Semiconductors ECP200 Datasheet HTML 4Page - EIC discrete Semiconductors ECP200 Datasheet HTML 5Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EiC Corp. A Subsidiary of EiC Enterprises, Ltd.
45738 Northport Loop West, Fremont, CA 94538
Phone: (510) 979-8999
Fax: (510) 979-8902
www.eiccorp.com
2
ECP200
2.0 WATT POWER AMPLIFIER
Revision A
SS-000536-000
PRELIMINARY DATA SHEET
Package
DEVICE MARKING
Pin Definitions
Note: Exceeding any of the absolute maximum ratings may cause permanent damage to the device.
Note: Do not exceed more than one parameter at the same time.
RATING
UNIT
8Volts
1400
mA
+28
dBm
-65 to +150
°C
Ambient Operating Temperature
-40 to +85
°C
Absolute Maximum DC Power
4
Watts
Storage Temperature
PARAMETER
RF Power Input
Supply Voltage
Supply Current
PIN
FUNCTION
DEFINITION
1
Vref/pd
This pin sets the reference / quiescient current.
2,4-5, 9,
12-15
GND
These pins provide ground as well as the slug which is required for heat sinking.
3RF in
This pin connects to the input of the amplifier. It will have a dc voltage around
1.25 to 1.3 VDC. External circuit should provide DC blocking.
10,11
RF out
These are the output pins, which connects to the collector of the transistor. On
the PCB, the two pins should also be tied together. Vcc connects to these
through an inductor. A DC blocking capacitor is required.
16
Vbias
This pin provides current to the bias circuit , typically Vbias = Vcc. Bypass
capacitors should be placed as close as practically possible to this pin.
Absolute Maximum Ratings
QFN-16 (4x4mm) Package Outline



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com