Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362AD Datasheet(PDF) 42 Page - Motorola, Inc

Part # DSP56362AD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362AD Datasheet(HTML) 42 Page - Motorola, Inc

Back Button DSP56362AD Datasheet HTML 38Page - Motorola, Inc DSP56362AD Datasheet HTML 39Page - Motorola, Inc DSP56362AD Datasheet HTML 40Page - Motorola, Inc DSP56362AD Datasheet HTML 41Page - Motorola, Inc DSP56362AD Datasheet HTML 42Page - Motorola, Inc DSP56362AD Datasheet HTML 43Page - Motorola, Inc DSP56362AD Datasheet HTML 44Page - Motorola, Inc DSP56362AD Datasheet HTML 45Page - Motorola, Inc DSP56362AD Datasheet HTML 46Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 168 page
background image
2-4
DSP56362 Advance Information
MOTOROLA
Specifications
AC Electrical Characteristics
AC ELECTRICAL CHARACTERISTICS
The timing waveforms shown in the AC electrical characteristics section are tested with a VIL maximum of
0.3 V and a VIH minimum of 2.4 V for all pins except EXTAL, which is tested using the input levels shown
in Note 6 of the previous table. AC timing specifications, which are referenced to a device input signal, are
measured in production with respect to the 50% point of the respective input signal's transition. DSP56362
output levels are measured with the production test machine VOL and VOH reference levels set at 0.4 V
and 2.4 V, respectively.
Note: Although the minimum value for the frequency of EXTAL is 0 MHz, the device AC test
conditions are 15 MHz and rated speed.
• In Stop mode4
ICCS
—
100
150
µA
PLL supply current
—1
2.5
mA
Input capacitance5
CIN
—
—
10
pF
Notes: 1.
Refers to MODA/IRQA, MODB/IRQB, MODC/IRQC, and MODD/IRQD pins
2.
Power Consumption Considerations on page 4-3 provides a formula to compute the
estimated current requirements in Normal mode. In order to obtain these results, all inputs must be
terminated (i.e., not allowed to float). Measurements are based on synthetic intensive DSP
benchmarks. The power consumption numbers in this specification are 90% of the measured
results of this benchmark. This reflects typical DSP applications. Typical internal supply current is
measured with VCC = 3.3V at TJ = 100°C. Maximum internal supply current is measured with VCC =
3.46 V at TJ = 100°C.
3.
Deleted.
4.
In order to obtain these results, all inputs, which are not disconnected at Stop mode, must be
terminated (i.e., not allowed to float).
5.
Periodically sampled and not 100% tested
6.
VCC = 3.3 V ± 5% V; TJ = 0°C to +100°C, CL = 50 pF
7.
This characteristic does not apply to PCAP.
8.
Driving EXTAL to the low VIHX or the high VILX value may cause additional power consumption (DC
current). To minimize power consumption, the minimum VIHX should be no lower than
0.9
ξ VCC and the maximum VILX should be no higher than 0.1 ξ VCC.
Table 2-3 DC Electrical Characteristics6 (Continued)
Characteristics
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com