Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56362PD Datasheet(PDF) 21 Page - Motorola, Inc

Part # DSP56362PD
Description  24-Bit Audio Digital Signal Processor
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56362PD Datasheet(HTML) 21 Page - Motorola, Inc

Back Button DSP56362PD Datasheet HTML 17Page - Motorola, Inc DSP56362PD Datasheet HTML 18Page - Motorola, Inc DSP56362PD Datasheet HTML 19Page - Motorola, Inc DSP56362PD Datasheet HTML 20Page - Motorola, Inc DSP56362PD Datasheet HTML 21Page - Motorola, Inc DSP56362PD Datasheet HTML 22Page - Motorola, Inc DSP56362PD Datasheet HTML 23Page - Motorola, Inc DSP56362PD Datasheet HTML 24Page - Motorola, Inc DSP56362PD Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 168 page
background image
Signal/Connection Descriptions
Host Interface (HDI08)
MOTOROLA
DSP56362 Advance Information
1-13
Table 1-9 Host Interface
Signal
Name
Type
State during
Reset
Signal Description
H0–H7
HAD0–
HAD7
PB0–PB7
Input/
output
Input/
output
Input, output,
or
disconnected
GPIO
disconnected
Host Data—When the HDI08 is programmed to
interface a nonmultiplexed host bus and the HI
function is selected, these signals are lines 0–7
of the bidirectional, tri-state data bus.
Host Address—When HDI08 is programmed to
interface a multiplexed host bus and the HI
function is selected, these signals are lines 0–7
of the address/data bidirectional, multiplexed, tri-
state bus.
Port B 0–7—When the HDI08 is configured as
GPIO, these signals are individually
programmable as input, output, or internally
disconnected.
The default state after reset for these signals is
GPIO disconnected.
This input is 5 V tolerant.
HA0
HAS/
HAS
PB8
Input
Input
Input, output,
or
disconnected
GPIO
disconnected
Host Address Input 0—When the HDI08 is
programmed to interface a nonmultiplexed host
bus and the HI function is selected, this signal is
line 0 of the host address input bus.
Host Address Strobe—When HDI08 is
programmed to interface a multiplexed host bus
and the HI function is selected, this signal is the
host address strobe (HAS) Schmitt-trigger input.
The polarity of the address strobe is
programmable, but is configured active-low
(HAS) following reset.
Port B 8—When the HDI08 is configured as
GPIO, this signal is individually programmed as
input, output, or internally disconnected.
The default state after reset for this signal is
GPIO disconnected.
This input is 5 V tolerant.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com