Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSLM2520-R10K Datasheet(PDF) 2 Page - TOKO, Inc

Part # FSLM2520-R10K
Description  Wirewound Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FSLM2520-R10K Datasheet(HTML) 2 Page - TOKO, Inc

  FSLM2520-R10K Datasheet HTML 1Page - TOKO, Inc FSLM2520-R10K Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
18
Meeting Your Needs
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
Wirewound Chip Inductors
TYPE
FSLM2520
STANDARD PARTS SELECTION GUIDE
TYPE FSLM2520
* Add tolerance to part number: J =
±5% or K = ±10%
Note: Add P2 to part number for tape and reel.
O
K
O
T
r
e
b
m
u
N
t
r
a
P
e
c
n
a
t
c
u
d
n
I
Q
)
.
n
i
m
(
y
c
n
e
u
q
e
r
F
t
s
e
T
z
H
M
e
c
n
a
t
s
i
s
e
R
C
D
(
Ω
.
x
a
m
)
C
D
d
e
t
a
R
t
n
e
r
r
u
C
.
x
a
m
)
A
m
(
t
n
a
n
o
s
e
R
f
l
e
S
y
c
n
e
u
q
e
r
F
.
n
i
m
)
z
H
M
(
)
H
µ
(
o
L*
e
c
n
a
r
e
l
o
T
*
_
0
1
R
-
0
2
5
2
M
L
S
F0
1
.
0K
,
J0
32
.
5
21
2
.
00
7
50
8
6
*
_
2
1
R
-
0
2
5
2
M
L
S
F2
1
.
0K
,
J0
32
.
5
22
2
.
00
5
50
5
6
*
_
5
1
R
-
0
2
5
2
M
L
S
F5
1
.
0K
,
J0
32
.
5
25
2
.
00
0
50
3
5
*
_
8
1
R
-
0
2
5
2
M
L
S
F8
1
.
0K
,
J0
32
.
5
29
2
.
00
6
40
2
5
*
_
2
2
R
-
0
2
5
2
M
L
S
F2
2
.
0K
,
J0
32
.
5
20
3
.
00
3
40
9
3
*
_
7
2
R
-
0
2
5
2
M
L
S
F7
2
.
0K
,
J0
32
.
5
23
3
.
00
2
40
3
3
*
_
3
3
R
-
0
2
5
2
M
L
S
F3
3
.
0K
,
J0
32
.
5
29
3
.
00
0
40
1
3
*
_
9
3
R
-
0
2
5
2
M
L
S
F9
3
.
0K
,
J0
32
.
5
20
4
.
05
7
30
9
2
*
_
7
4
R
-
0
2
5
2
M
L
S
F7
4
.
0K
,
J0
32
.
5
24
4
.
00
5
30
6
2
*
_
6
5
R
-
0
2
5
2
M
L
S
F6
5
.
0K
,
J0
32
.
5
29
4
.
00
3
30
3
2
*
_
8
6
R
-
0
2
5
2
M
L
S
F8
6
.
0K
,
J0
32
.
5
22
5
.
00
2
30
0
2
*
_
2
8
R
-
0
2
5
2
M
L
S
F2
8
.
0K
,
J0
32
.
5
21
6
.
00
9
20
8
1
*
_
0
R
1
-
0
2
5
2
M
L
S
F0
.
1K
,
J0
36
9
.
75
7
.
00
5
20
5
1
*
_
2
R
1
-
0
2
5
2
M
L
S
F2
.
1K
,
J0
36
9
.
77
8
.
00
4
20
4
1
*
_
5
R
1
-
0
2
5
2
M
L
S
F5
.
1K
,
J0
36
9
.
70
.
10
3
20
3
1
*
_
8
R
1
-
0
2
5
2
M
L
S
F8
.
1K
,
J0
36
9
.
71
.
10
2
20
2
1
*
_
2
R
2
-
0
2
5
2
M
L
S
F2
.
2K
,
J0
36
9
.
73
.
10
1
25
0
1
*
_
7
R
2
-
0
2
5
2
M
L
S
F7
.
2K
,
J0
36
9
.
74
.
10
0
20
9
*
_
3
R
3
-
0
2
5
2
M
L
S
F3
.
3K
,
J0
36
9
.
76
.
10
9
10
8
*
_
9
R
3
-
0
2
5
2
M
L
S
F9
.
3K
,
J0
36
9
.
77
.
15
8
15
7
*
_
7
R
4
-
0
2
5
2
M
L
S
F7
.
4K
,
J0
36
9
.
79
.
10
8
10
7
*
_
6
R
5
-
0
2
5
2
M
L
S
F6
.
5K
,
J0
36
9
.
72
.
20
7
10
6
*
_
8
R
6
-
0
2
5
2
M
L
S
F8
.
6K
,
J0
36
9
.
74
.
25
6
15
5
*
_
2
R
8
-
0
2
5
2
M
L
S
F2
.
8K
,
J0
36
9
.
76
.
20
6
10
5
*
_
0
0
1
-
0
2
5
2
M
L
S
F0
1K
,
J5
26
9
.
72
.
25
5
10
3
*
_
0
2
1
-
0
2
5
2
M
L
S
F2
1K
,
J5
22
5
.
25
.
20
5
17
2
*
_
0
5
1
-
0
2
5
2
M
L
S
F5
1K
,
J5
22
5
.
28
.
20
4
13
2
*
_
0
8
1
-
0
2
5
2
M
L
S
F8
1K
,
J5
22
5
.
22
.
30
3
12
2
*
_
0
2
2
-
0
2
5
2
M
L
S
F2
2K
,
J5
22
5
.
26
.
35
2
11
2
*
_
0
7
2
-
0
2
5
2
M
L
S
F7
2K
,
J5
22
5
.
23
.
45
1
19
1
*
_
0
3
3
-
0
2
5
2
M
L
S
F3
3K
,
J5
22
5
.
27
.
40
1
17
1
*
_
0
9
3
-
0
2
5
2
M
L
S
F9
3K
,
J5
22
5
.
21
.
85
85
1
*
_
0
7
4
-
0
2
5
2
M
L
S
F7
4K
,
J5
22
5
.
28
.
80
84
1
*
_
0
6
5
-
0
2
5
2
M
L
S
F6
5K
,
J5
22
5
.
20
.
0
15
75
.
2
1
*
_
0
8
6
-
0
2
5
2
M
L
S
F8
6K
,
J5
22
5
.
25
.
1
10
72
1
*
_
0
2
8
-
0
2
5
2
M
L
S
F2
8K
,
J5
22
5
.
25
.
2
15
61
1
*
_
1
0
1
-
0
2
5
2
M
L
S
F0
0
1K
,
J5
16
9
7
.
00
.
3
10
60
1
*
_
1
2
1
-
0
2
5
2
M
L
S
F0
2
1K
,
J5
16
9
7
.
00
.
9
15
58
*
_
1
5
1
-
0
2
5
2
M
L
S
F0
5
1K
,
J5
16
9
7
.
00
.
2
20
55
.
7
*
_
1
8
1
-
0
2
5
2
M
L
S
F0
8
1K
,
J5
16
9
7
.
00
.
5
27
47
*
_
1
2
2
-
0
2
5
2
M
L
S
F0
2
2K
,
J5
16
9
7
.
00
.
8
24
45
.
6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com