Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACN2132L8 Datasheet(PDF) 2 Page - High Voltage Power Solutions, Inc.

Part # ACN2132L8
Description  High!Voltage!Power!Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

ACN2132L8 Datasheet(HTML) 2 Page - High Voltage Power Solutions, Inc.

  ACN2132L8 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. ACN2132L8 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VERSION:))7.0)
EFFECTIVE:))22)JULY)2015)
PAGE:)2)OF)2)
!
!
INFO
@DEANTECHNOLOGY.COM)
WWW
.DEANTECHNOLOGY.COM)
+1.972.248.7691)
2132$Series$
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
Part%Number
%
Input%Voltage
%
Output%Voltage*
%
Polarity
%
Input%Frequency
%
ACN2132L8
)
AC)Input)(120)VAC)
)
38kV)DC
)
Negative
)
50/60)Hz
)
ACP2132L8
)
AC)Input)(120)VAC)
)
8kV)DC
)
Positive
)
50/60)Hz
)
ACN2132L12
)
AC)Input)(120)VAC)
)
312kV)DC
)
Negative
)
50/60)Hz
)
ACP2132L12
)
AC)Input)(120)VAC)
)
12kV)DC
)
Positive
)
50/60)Hz
)
*Note:!Output!voltages!shown!are!minimum!DC!@!1µA.!!Output!drops!
approximately!1!kV!for!each!additional!μA!of!load!current.!
$
Typical$Mechanical$Specifications:$$
•) Encapsulant:!
!
!!!!Filled!Epoxy!(UL94VD0!Rated)!
•) Mounting:!
!
!!!!CableDties,!epoxy,!RTV,!or!silicon.!If!! !!!
!
!!!!glued,!recommend!glue!be!applied!to!two!!
!
!!!!surfaces.!
•) Primary!Wires:!
!
!!!!22AWG!PVC,!600!V,!UL!Style!1015,!105°C,!2!!
!
!!!!wire,!or!3!wire!available!
•) High!Voltage!Wires:!
!
!!!!22!AWG,!15KVDC,!UL!Style!3239,!105°C!
•) Temperature!Rating:!
!
!!!!Operating!0°C!to!+60°C!
!
!!!!Storage!D40°C!to!+85°C
!
!
Options:!
•) Input!ground!wire!
•) Control!Wires!
!
!!!!(requires!a!2!watt!potentiometer,!! !!!!!
!
!!!!not!supplied)!
•) "PowerDOn"!indicating!light!
•) Input!to!Output!isolation!
!
Custom!voltages!and!housings!are!also!
available.!Consult!the!factory!for!additional!
information.!
!
!Typical$Applications:!
•) Ionizers!
•) Table!Top!Air!Cleaners!
•) Laser!StartDup!Circuits!
•) EOS/ESD!AntiDstatic!Equipment!
!
!
!



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com