Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R30A Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48R30A
Description  8-Bit Microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R30A Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48R30A Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R30A Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
HT48R30A-1
Rev. 1.10
21
July 2, 2001
ROM code option
The following table shows all kinds of ROM code option in the microcontroller. All of the ROM code
options must be defined to ensure proper system functioning.
Items
Option
1
WDT clock source: WDTOSC/fTID/RTCOSC/disable
2
CLRWDT instructions: 1 or 2 instructions
3
Timer/event counter clock sources: fSYS or RTCOSC
4
PA wake-up (By bit)
5
PA CMOS/SCHMITT input
6
PA, PB, PC, PG pull-high enable/disable (By port)
7
BZ/BZ enable/disable
8
LVR enable/disable
9
System oscillator
Ext. RC, Ext.crystal, Int.RC+RTC or Int.RC+PG1/PG2
10
Int.RC frequency selection 3.2MHz, 1.6MHz, 800kHz or 400kHz
11
Lock: unlock/lock
V DD
5. 5V
V LV R
0. 9V
0V
R e s e t S i gnal
Re s e t
*1
*2
N o rm a l O p e ra t i o nR e s e t
LV R D e t e c t V ol t age
Low voltage reset
Note: *1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of
1024 system clock pulses before entering the normal operation.
*2: Since low voltage has to be maintained in its original state and exceed 1ms, therefore 1ms
delay enters the reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com