Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6014C Datasheet(PDF) 1 Page - Alpha Wire

Part # 6014C
Description  CUSTOMER PRODUCT SPECIFICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6014C Datasheet(HTML) 1 Page - Alpha Wire

  6014C Datasheet HTML 1Page - Alpha Wire 6014C Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: 6014C
Issue:
6
Page 1 of 2 Pages
Issue Date:
5/26/2005
Effective Date:
8/1/2005
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of this publication, information
and specifications described herein are subject to error or omission and to change without notice, and the listing of such information and
specifications does not ensure product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or
A. Construction
Diameters
1) Component 1
9 X 1 PAIR
a) Conductor
22 (7/30) AWG TC
b) Insulation
0.010" Wall, Nom. Polypropylene(PP)
0.050
(1) Color Code
Alpha Wire Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
4
BLACK-BLUE
7
BLACK-ORANGE
2
BLACK-WHITE
5
BLACK-BROWN
8
RED-GREEN
3
BLACK-GREEN
6
BLACK-YELLOW
9
RED-WHITE
c) Pair
2/Cond Cabled Together
(1) Twists:
8.0 Twists/foot (min)
Individually Applied:
d) Shield:
Foil Free Alum/Mylar Tape, 25% Overlap, Min.
(1) Foil Direction
Foil Facing In
(2) Drain Wire
22 (7/30) AWG TC
2) Cable Assembly
9 Components Cabled
a) Twists:
2.4 Twists/foot (min)
b) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
3) Jacket
0.048" Wall, Nom.,PVC
0.436 (0.456 Max.)
a) Color(s)
GRAY
b) Print
ALPHA WIRE-* P/N 6014C 9PR 22 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2493 ---
LLXXXXXX CSA TYPE CMG FT4
ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
B. Industry Approvals
1) UL
AWM/STYLE2493
60°C
CM
75°C
VW-1
2) CSA International
CMG
60°C
FT4
3) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's
web site for compliance Date of Manufacture.
4) California Proposition 65: The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
C. Physical & Mechanical Properties
1) Temperature Range
-20 to 75°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
148 Lbs, Maximum
D. Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Characteristic Impedance 60 Ω
3) Inductance
0.18 µH/ft, Nominal
4) Mutual Capacitance
28 pf/ft @1 kHz, Nominal
5) Ground Capacitance
50 pf/ft @1 kHz, Nominal
6) Conductor DCR
16.6 Ω/1000ft @20°C, Nominal
exemplary damages) whatsoever, even if Alpha has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described
herein.


Similar Part No. - 6014C

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
6014CT MALLORY-6014CT Datasheet
1Mb / 8P
MSD Circle Track LS Ignition Control
More results

Similar Description - 6014C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
2212C ALPHAWIRE-2212C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2215C ALPHAWIRE-2215C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2243C ALPHAWIRE-2243C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2466C ALPHAWIRE-2466C Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
5227C ALPHAWIRE-5227C Datasheet
83Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
6380 ALPHAWIRE-6380 Datasheet
74Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
6419 ALPHAWIRE-6419 Datasheet
76Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com