Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5506PCASM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5506PCASM
Description  Gain Trim Amplifier (GTA)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5506PCASM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC5506PCASM Datasheet HTML 1Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 2Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 3Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 4Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 5Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 6Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 7Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 8Page - National Semiconductor (TI) CLC5506PCASM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD tolerance(Note 2)
Human body model
2.5KV
Machine model
250V
Differential input voltage
+/−1V
Supply voltage
−0.3 to +6V
Digital input voltage
−0.3V to V
CC
Analog input voltage
−0.3V to V
CC
Output short circuit duration
Infinite
Lead temperature (soldering, 10
sec)
+300˚C
Storage temperature range
−65˚C to 150˚C
Junction temperature
155˚C
Differential voltage between any
two inputs
<200mV
Operating Ratings (Note 1)
Supply voltage (pins 10 and 14)
5V +/− 10%
Ambient temperature range
−40˚C to +85˚C
Junction Temperature Range
−40˚C to +150˚C
Package thermal resistance,
θ
JA
127˚C/W
Electrical Characteristics
These conditions apply unless otherwise specified: T
J = 25˚C, VCCA = VCCD = +5V: Gain = 25.75dB, RLdiff = 100Ω, Pin =
−30dBm (Note 6),(Note 7).
Symbol
Parameter
Conditions
Typ
(Note 3)
Limit
(Note 4)
Units
Analog I/O
Frequency Response/Distortion/Noise
upper −3dB bandwidth
All Gain Codes
600
MHz
upper −1dB bandwidth
All Gain Codes
400
MHz
gain flatness in any
1MHz band
10MHz < f < 600MHz, All Gain
Codes
0.003
dB
group delay
50MHz < f < 600MHz
1.5
nsec
group delay ripple
50MHz < f < 600MHz
0.5
nsec
output third order
intercept point
18dB Gain, f = 110MHz
22
dBm
noise figure
Gain = 25.75dB, (Note 6)
Gain = 18dB, (Note 6)
Gain = 10dB, (Note 6)
4.8
5.7
7.0
dB
dB
dB
1dB output
compression point
150MHz
4.0
dBm
2
nd harmonic distortion
Pin = −30 dBm, fc = 200MHz
@ Gain = 25.75dB
@ Gain = 10dB
46
46
dBc
dBc
3
rd harmonic distortion
Pin = −30 dBm, fc = 200MHz
@ Gain = 25.75dB
@ Gain = 10dB
49
56
dBc
dBc
Input/Output Isolation
power down mode
Full frequency band
45
dB
Gain Parameters: (Note 5)
maximum gain
Full temperature range
25.75
dB
minimum gain
Full temperature range
10
dB
gain step size
Full temperature range
0.25
dB
accuracy of gain
setting
@ 25˚C
±0.05
dB
gain variation over
temperature
Full temperature range
±0.5
dB
Input/Output Characteristics:
input resistance
Differential
200
input capacitance
Differential
0.5
pF
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com