Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD4002 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ISD4002
Description  Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD4002 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ISD4002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD4002 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image

8
Voice Solutions in Silicon™
   +      
    +  ./    
/ 

   +   
"      

   
 0 10 10
 0 10 10
Table 4:
Absolute Maximum Ratings
(Packaged Parts)(1)
Condition
Value
D8,%-$, -6! (-8 
 E>
- (? -6! (-8  (,?
3 E> - F E>
;&-(? (!!&$) - (,* !$,
9; 3  ;= -
9; F  ;=
;&-(? (!!&$) - (,* !$,
9,!8- %8 ,- &$6$-) - G 60=
9; 3  ;= -
9; F  ;=
;&-(? (!!&$) - :2 >/2
(,)  !$,4 9,!8- %8 ,- &$6$-)
- G 60=
9; 3  ;= -
9; F  ;=
/() -6! (-8 
94&) $,? 3  4%,)4=
E>
; 3;
3 ; - F ;
Table 5:
Operating Conditions
(Packaged Parts)
Condition
Value
>66 %$(& ! (-$,?
-6! (-8  (,?
E> - FE>
H-,)) ! (-$,?
-6! (-8 
3E> - FE>
,)84- $(& ! (-$,?
-6! (-8 
3E> - F E>
8!!&* #&-(? 9;=
F ; - F ;
I 8,) #&-(? 9;=
;
Figure 5: SPI Interface Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com