Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57504K0103A009 Datasheet(PDF) 4 Page - TDK Electronics

Part # B57504K0103A009
Description  Probe assemblies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57504K0103A009 Datasheet(HTML) 4 Page - TDK Electronics

  B57504K0103A009 Datasheet HTML 1Page - TDK Electronics B57504K0103A009 Datasheet HTML 2Page - TDK Electronics B57504K0103A009 Datasheet HTML 3Page - TDK Electronics B57504K0103A009 Datasheet HTML 4Page - TDK Electronics B57504K0103A009 Datasheet HTML 5Page - TDK Electronics B57504K0103A009 Datasheet HTML 6Page - TDK Electronics B57504K0103A009 Datasheet HTML 7Page - TDK Electronics B57504K0103A009 Datasheet HTML 8Page - TDK Electronics B57504K0103A009 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
R/T characteristics
R/T No. 7003
T (
°C)
B25/100 = 3625 K
T (
°C) B
25/100 = 3625 K
T (
°C) B
25/100 = 3625 K
RT/R25
α (%/K)
RT/R25
α (%/K)
RT/R25
α (%/K)
55.0
63.225
6.7
65.0
0.24049
3.2
185.0
0.013448
1.8
50.0
45.46
6.5
70.0
0.20553
3.1
190.0
0.012297
1.8
45.0
33.07
6.3
75.0
0.17637
3.0
195.0
0.011265
1.7
40.0
24.324
6.0
80.0
0.15195
2.9
200.0
0.010338
1.7
35.0
18.081
5.8
85.0
0.13141
2.9
205.0
0.009504
1.7
30.0
13.575
5.6
90.0
0.11406
2.8
210.0
0.0087516
1.6
25.0
10.29
5.4
95.0
0.099352
2.7
215.0
0.0080718
1.6
20.0
7.8716
5.3
100.0
0.086837
2.7
220.0
0.0074567
1.6
15.0
6.0739
5.1
105.0
0.076149
2.6
225.0
0.0068989
1.5
10.0
4.7258
4.9
110.0
0.066989
2.5
230.0
0.0063925
1.5
5.0
3.7062
4.8
115.0
0.059112
2.5
235.0
0.0059318
1.5
0.0
2.9287
4.6
120.0
0.052316
2.4
240.0
0.005512
1.5
5.0
2.3311
4.5
125.0
0.046433
2.4
245.0
0.005129
1.4
10.0
1.8684
4.4
130.0
0.041327
2.3
250.0
0.004779
1.4
15.0
1.5075
4.2
135.0
0.03688
2.3
255.0
0.0044586
1.4
20.0
1.224
4.1
140.0
0.032998
2.2
260.0
0.004165
1.4
25.0
1.0000
4.0
145.0
0.029598
2.2
265.0
0.0038955
1.3
30.0
0.82176
3.9
150.0
0.026612
2.1
270.0
0.0036478
1.3
35.0
0.67909
3.8
155.0
0.023984
2.1
275.0
0.0034199
1.3
40.0
0.56422
3.7
160.0
0.021665
2.0
280.0
0.0032098
1.3
45.0
0.47122
3.6
165.0
0.019613
2.0
285.0
0.003016
1.2
50.0
0.3955
3.5
170.0
0.017793
1.9
290.0
0.002837
1.2
55.0
0.33355
3.4
175.0
0.016176
1.9
295.0
0.0026714
1.2
60.0
0.2826
3.3
180.0
0.014735
1.8
300.0
0.002518
1.2
Temperature measurement
B57504K
Probe assemblies
K504
Page 4 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com