Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5612 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5612
Description  Dual, High Output, Programmable Gain Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5612 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button CLC5612 Datasheet HTML 10Page - National Semiconductor (TI) CLC5612 Datasheet HTML 11Page - National Semiconductor (TI) CLC5612 Datasheet HTML 12Page - National Semiconductor (TI) CLC5612 Datasheet HTML 13Page - National Semiconductor (TI) CLC5612 Datasheet HTML 14Page - National Semiconductor (TI) CLC5612 Datasheet HTML 15Page - National Semiconductor (TI) CLC5612 Datasheet HTML 16Page - National Semiconductor (TI) CLC5612 Datasheet HTML 17Page - National Semiconductor (TI) CLC5612 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Application Division (Continued)
Differential Input/Differential Output Amplifier
Figure 17 below illustrates a differential input/differential
output configuration. The bypass capacitors are the only
external components required.
-5V
0.1
µF
6.8
µF
+5V
0.1
µF
6.8
µF
Vout2
Vin1
CLC5612
Vin2
Vout1
1k
Ω
1k
Ω
1k
Ω
1k
Ω
Vout1 – Vout2 = (Vin1 – Vin2) x 2
DS015001-60
FIGURE 17. Differential Input/Differential Output
Amplifier
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com