Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1012 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV1012
Description  Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1012 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV1012 Datasheet HTML 1Page - National Semiconductor (TI) LMV1012 Datasheet HTML 2Page - National Semiconductor (TI) LMV1012 Datasheet HTML 3Page - National Semiconductor (TI) LMV1012 Datasheet HTML 4Page - National Semiconductor (TI) LMV1012 Datasheet HTML 5Page - National Semiconductor (TI) LMV1012 Datasheet HTML 6Page - National Semiconductor (TI) LMV1012 Datasheet HTML 7Page - National Semiconductor (TI) LMV1012 Datasheet HTML 8Page - National Semiconductor (TI) LMV1012 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
5V Electrical Characteristics (Note 3) (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VDD = 5V, VIN = 18 mV, RL = 2.2 k
Ω and C = 2.2 µF.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
C
IN
Input Capacitance
2pF
Z
IN
Input Impedance
>1000
G
Ω
A
V
Gain
f = 1 kHz,
R
SOURCE =50
Ω
LMV1012-07
6.4
5.5
8.1
9.5
10.7
dB
LMV1012-15
14.0
13.1
15.6
16.9
17.5
LMV1012-20
19.2
17.0
21.1
22.3
23.5
LMV1012-25
22.5
21.2
23.9
25.0
25.8
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human Body Model (HBM) is 1.5 k
Ω in series with 100 pF.
Note 3: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Note 4: All limits are guaranteed by design or statistical analysis.
Note 5: Typical values represent the most likely parametric norm.
Note 6: The maximum power dissipation is a function of TJ(MAX) , θJA and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/θJA. All numbers apply for packages soldered directly into a PC board.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com