Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSLM2520-R27-K Datasheet(PDF) 1 Page - TOKO, Inc

Part # FSLM2520-R27-K
Description  Wirewound Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

FSLM2520-R27-K Datasheet(HTML) 1 Page - TOKO, Inc

  FSLM2520-R27-K Datasheet HTML 1Page - TOKO, Inc FSLM2520-R27-K Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17
Meeting Your Needs
1.800.PIK.TOKO
1.847.297.0070
www.tokoam.com
Wirewound Chip Inductors
TYPE
FSLM2520
Features
• Inductance Range: 0.1-220
µH
• Temperature Coefficient: 750ppm/
°C
• Temperature Range: –40
°C to +85°C
• Typical max Q: 40 ~ 50
• Proprietary wire-wound structure with welded
terminations offers high reliability
• Superior solderability and high heat-resistance for flow
and reflow soldering
• Low profile: 1008 footprint 1.7mm max (1.6mm typ.)
• S-parameter data available upon request
• Packaged on tape and reel in 2,000 piece quantity
Recommended patterns:
1.6±0.1
1.4
0.5
2.0
Tolerance:
±0.2
Unit: mm
1.2
1.5
1.2
Unit: mm
Part Numbering
Q-FREQUENCY CHARACTERISTICS
50
1
100
10
0
Frequency (MHz)
60
70
40
30
20
10
Q
47
µH
4.7
µH
0.47
µH
The FSLM2520 Series is a ferrite core wirewound surface
mount chip inductor which conforms to the EIA standard
1008 footprint. Its proprietary welded termination architec-
ture offers superior reliability and high heat-resistance for flow
and reflow soldering capability. It is an economical choice
for general signal conditioning, RF or IF filtering applications,
or as matching elements.
FSLM 2520 - R10 K
Tolerance (J=
±5%, K=±10%)
Inductance
Footprint (l x w in mm)
Type Name


Similar Part No. - FSLM2520-R27-K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FSLM2520-R27 TOKO-FSLM2520-R27 Datasheet
123Kb / 2P
Wire Wound Chip Inductors
FSLM2520-R27J TOKO-FSLM2520-R27J Datasheet
406Kb / 2P
Wire Wound Chip Inductors
logo
Murata Manufacturing Co...
FSLM2520-R27J MURATA-FSLM2520-R27J Datasheet
743Kb / 2P
Inductor
More results

Similar Description - FSLM2520-R27-K

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
Wirewound Chip Inductors
logo
Superworld Electronics
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S Datasheet
279Kb / 7P
WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
WIREWOUND CHIP INDUCTORS
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com