Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4064 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4064
Description  Monolithic Linear Charger for Back-Up Li-Ion Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4064 Datasheet(HTML) 3 Page - Linear Technology

  LTC4064 Datasheet HTML 1Page - Linear Technology LTC4064 Datasheet HTML 2Page - Linear Technology LTC4064 Datasheet HTML 3Page - Linear Technology LTC4064 Datasheet HTML 4Page - Linear Technology LTC4064 Datasheet HTML 5Page - Linear Technology LTC4064 Datasheet HTML 6Page - Linear Technology LTC4064 Datasheet HTML 7Page - Linear Technology LTC4064 Datasheet HTML 8Page - Linear Technology LTC4064 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4064
3
4064f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The Absolute Maximum BAT Current Rating of 1.3A is guaranteed
by design and current density calculations. The Absolute Maximum PROG
Current Rating is guaranteed to be 1/1000 of BAT current rating by design.
Note 3: The LTC4064 is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPROG
PROG Pin Voltage
RPROG = 3k, IPROG = 500µA
1.5
V
ICHRG
CHRG Pin Weak Pulldown Current
VCHRG = 1V
15
30
50
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.35
0.6
V
VACPR
ACPR Pin Output Low Voltage
IACPR = 5mA
0.35
0.6
V
VFAULT
FAULT Pin Output Low Voltage
IFAULT = 5mA
0.35
0.6
V
IC/10
End of Charge Indication Current Level
RPROG = 3k
44
50
56
mA
tTIMER
TIMER Accuracy
CTIMER = 0.1µF10
%
∆VRECHRG
Recharge Threshold Voltage
VFLOAT - VRECHRG, VBAT > VTRIKL
q
65
100
135
mV
Charge Termination Timer Expired
VNTC-HOT
NTC Pin Hot Threshold Voltage
VNTC Falling
2.5
V
VHOT-HYS
NTC Pin Hot Hysteresis Voltage
80
mV
VNTC-COLD
NTC Pin Cold Threshold Voltage
VNTC Rising
4.375
V
VCOLD-HYS
NTC Pin Cold Hystersis Voltage
80
mV
VNTC-DIS
NTC Pin Disable Threshold Voltage
VNTC Rising
100
mV
VDIS-HYS
NTC Pin Disable Hystersis Voltage
10
mV
TLIM
Junction Temperature in
105
°C
Constant-Temperature Mode
RON
Power MOSFET “ON” Resistance
375
m
Ω
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 4: Failure to solder the exposed backside of the package to the PC
board will result in a thermal resistance much higher than 40
°C/W.
Note 5: Supply current includes PROG pin current (approximately 50
µA)
but does not include any current delivered to the battery through the BAT
pin (approximately 50mA).
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com