Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1012TP-07 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1012TP-07
Description  Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1012TP-07 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMV1012TP-07 Datasheet HTML 2Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 3Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 4Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 5Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 6Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 7Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 8Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 9Page - National Semiconductor (TI) LMV1012TP-07 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical Performance Characteristics Unless otherwise specified, V
S = 2.2V, RL = 2.2 k
Ω,
C = 2.2 µF, single supply, T
A = 25˚C
Supply Current vs. Supply Voltage (LMV1012-07)
Supply Current vs. Supply Voltage (LMV1012-15)
20058718
20058704
Supply Current vs. Supply Voltage (LMV1012-20)
Supply Current vs. Supply Voltage (LMV1012-25)
20058724
20058719
Gain and Phase vs. Frequency (LMV1012-07)
Gain and Phase vs. Frequency (LMV1012-15)
20058714
20058705
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com