Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF501 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF501
Description  300MHz to 600MHz RadioWire??RF Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF501 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF501 Datasheet HTML 1Page - Micrel Semiconductor MICRF501 Datasheet HTML 2Page - Micrel Semiconductor MICRF501 Datasheet HTML 3Page - Micrel Semiconductor MICRF501 Datasheet HTML 4Page - Micrel Semiconductor MICRF501 Datasheet HTML 5Page - Micrel Semiconductor MICRF501 Datasheet HTML 6Page - Micrel Semiconductor MICRF501 Datasheet HTML 7Page - Micrel Semiconductor MICRF501 Datasheet HTML 8Page - Micrel Semiconductor MICRF501 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MICRF501
Micrel
MICRF501
2
March 2003
Pin Description
Pin Number
Pin Name
Pin Function
1
IFGND
IF Ground
2
IFVDD
IF Power
3
ICHOUT
I-Channel Output
4
QCHOUT
Q-Channel Output
5
OSCVDD
Colpitts Oscillator Power
6
OSCIN
Colpitts Oscillator Input
7
OSCGND
Colpitts Oscillator and Substrate Ground
8
GND
Substrate Ground
9
CMPOUT
Charge Cump Output
10
CMPR
Charge Pump Resistor Input
11
MOD
Output for VCO Modulation
12
XOSCIN
Crystal Oscillator Input
13
XOSCOUT
Crystal Oscillator Output
14
LD_C
External Capacitor for Lock Detector
15
LOCKDET
Lock Detector Output
16
RSSI
Received Signal Strength Indicator Output
17
PDEXT
Power Down Input (0=Power Down)
18
DATAC
Data Filter Capacitor
19
DATAIXO
Data Input/Output
20
CLKIN
Clock Input for Programming
21
REGIN
Data Input for Programming
22
DIGVDD
Digital Circuitry Power
23
DIGGND
Digital Circuitry Ground
Pin Configuration
12 13 14 15 16 17 18 19
1
2
3
4
5
6
7
8
9
10
11
IFGND
IFVDD
ICHOUT
QCHOUT
OSCVDD
OSCIN
OSCGND
GND
CMPOUT
CMPR
MOD
20 21 22
33
32
31
30
29
28
27
26
25
24
23
MIXERVDD
MIXERGND
LNA_C
RFGND2
RFIN
RFVDD
RFGND
RFOUT
PABIAS
PA_C
DIGGND
44 43 42 41 40 39 38 37 36 35 34
44-Pin LQFP (BLQ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com