Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5633IN Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5633IN
Description  Triple, High Output, Programmable Gain Buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5633IN Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CLC5633IN Datasheet HTML 9Page - National Semiconductor (TI) CLC5633IN Datasheet HTML 10Page - National Semiconductor (TI) CLC5633IN Datasheet HTML 11Page - National Semiconductor (TI) CLC5633IN Datasheet HTML 12Page - National Semiconductor (TI) CLC5633IN Datasheet HTML 13Page - National Semiconductor (TI) CLC5633IN Datasheet HTML 14Page - National Semiconductor (TI) CLC5633IN Datasheet HTML 15Page - National Semiconductor (TI) CLC5633IN Datasheet HTML 16Page - National Semiconductor (TI) CLC5633IN Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Division (Continued)
The input is AC coupled to prevent the need for level shifting
the input signal at the source. The resistive voltage divider
biases the non-inverting input to V
CC ÷ 2 = 2.5V (For VCC =
+5V).
Dual Supply Operation
The CLC5633 operates on dual supplies as well as signal
supplies. The non-inverting and inverting configurations are
shown in
Figure 7, Figure 8, and Figure 9.
Load Termination
The CLC5633 can source and sink near equal amounts of
current. For optimum performance, the load should be tied to
V
CM.
CLC5633
0.1
µF
6.8
µF
+
VCC
Note: Channel 2 and 3 not shown.
1
14
2
13
3
12
4
11
5
10
6
9
7
8
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
V
V
2.5
Low frequency cutoff
1
2R C
o
in
g C
=−
+
=
π
where Rg = 1kΩ.
,
Vin
R
R
VCC
CC
Vo
DS015005-42
FIGURE 4. AC Coupled, A
V = −1V/V Configuration
CLC5633
0.1
µF
6.8
µF
+
VCC
Note: Channel 2 and 3 not shown.
1
14
2
13
3
12
4
11
5
10
6
9
7
8
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
Vo
Vin
R
R
VCC
CC
V
2V
2.5
Low frequency cutoff
1
2R C
where R
R
2
RR
o
in
in C
in
source
=+
=
=>>
π
,
C
DS015005-43
FIGURE 5. AC Coupled, A
V = +1V/V Configuration
CLC5633
0.1
µF
6.8
µF
+
VCC
Note: Channel 2 and 3 not shown.
1
14
2
13
3
12
4
11
5
10
6
9
7
8
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
Vo
Vin
R
R
VCC
CC
V
2V
2.5
Low frequency cutoff
1
2R C
where R
R
2
RR
o
in
in C
in
source
=+
=
=>>
π
,
C
DS015005-44
FIGURE 6. AC Coupled, A
V = +2V/V Configuration
CLC5633
0.1
µF
6.8
µF
+
VCC
1
14
2
13
3
12
4
11
5
10
6
9
7
8
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
Vo
Vin
Rt
Note: Rb provides DC bias for the
non-inverting input. Select Rt to
yield desired Rin = Rt||1kΩ.
Channel 2 and 3 not shown.
Rb
6.8
µF
0.1
µF
+
VEE
DS015005-45
FIGURE 7. Dual Supply, A
V = −1V/V Configuration
CLC5633
0.1
µF
6.8
µF
+
VCC
1
14
2
13
3
12
4
11
5
10
6
9
7
8
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
Vo
Vin
Rt
Note: Channel 2 and 3 not shown.
6.8
µF
0.1
µF
+
VEE
DS015005-46
FIGURE 8. Dual Supply, A
V = +1V/V Configuration
CLC5633
0.1
µF
6.8
µF
+
VCC
1
14
2
13
3
12
4
11
5
10
6
9
7
8
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
+
-
1k
Ω
1k
Ω
Vo
Vin
Rt
Note: Channel 2 and 3 not shown.
6.8
µF
0.1
µF
+
VEE
DS015005-47
FIGURE 9. Dual Supply, A
V= + 2V/V Configuration
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com