Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1603 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # K1603
Description  Drain Current ?밒D= 2.5A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

K1603 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  K1603 Datasheet HTML 1Page - Inchange Semiconductor Company Limited K1603 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1603
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0; ID= 10mA
900
V
VGS(th)
Gate Threshold Voltage
VDS=10 VGS; ID=1mA
1.5
3.5
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID=1.5A
6.4
Ω
IGSS
Gate Source Leakage Current
VGS= ±25V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=720V; VGS= 0
100
uA
VSD
Diode Forward Voltage
IF=2.5A; VGS=0
2.0
V
tr
Rise time
VGS=10V;ID=1.5A;RL=267Ω
25
50
ns
ton
Turn-on time
40
60
ns
tf
Fall time
40
80
ns
toff
Turn-off time
150
300
ns
PDF pdfFactory Pro
www.fineprint.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com