Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5654 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5654
Description  Very High-Speed, Low-Cost, Quad Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5654 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC5654 Datasheet HTML 1Page - National Semiconductor (TI) CLC5654 Datasheet HTML 2Page - National Semiconductor (TI) CLC5654 Datasheet HTML 3Page - National Semiconductor (TI) CLC5654 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC5654I
+25°C
+25°C
-40 to 85°C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Av = 1
450
–
–
MHz
Vo < 0.5Vpp
350
–
–
MHz
Vo < 5Vpp
100
–
–
MHz
0.1dB bandwidth
40
–
–
MHz
differential gain
NTSC, RL = 150Ω
0.03
–
–
dB
differential phase
NTSC, RL = 150Ω
0.03
–
–
dB
TIME DOMAIN RESPONSE
rise and fall time
0.5V step
1.2
–
–
ns
5V step
2.7
–
–
ns
settling time to 0.1%
2V step
12
–
–
ns
overshoot
0.5V step
7
–
–
%
slew rate
2000
–
–
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 5MHz
-71
–
–
dBc
3rd harmonic distortion
2Vpp, 5MHz
-82
–
–
dBc
equivalent input noise
voltage (eni)
>1MHz
3.3
–
–
nV/
√Hz
non-inverting current (ibn)
>1MHz
2.5
–
–
pA/
√Hz
inverting current (ibi)
>1MHz
12
–
–
pA/
√Hz
crosstalk (input inferred)
10MHz
76
–
–
dBc
STATIC DC PERFORMANCE
input offset voltage
2.5
6
11
mV
A
average drift
18
–
55
µV/˚C
input bias current (non-inverting)
6
15
28
µAA
average drift
40
–
160
nA/˚C
input bias current (inverting)
5
12
20
µAA
average drift
25
–
120
nA/˚C
power supply rejection ratio
DC
55
47
45
dB
common-mode rejection ratio
DC
50
45
43
dB
supply current (per channel)
RL= ∞
5
6.7
7
mA
A
MISCELLANEOUS PERFORMANCE
input resistance (non-inverting)
1
0.5
0.25
M
Ω
input capacitance (non-inverting)
1
2
2
pF
common-mode input range
±2.2
±2.0
±1.4
V
output voltage range
RL = 150Ω
±2.6
±2.5
±2.3
V
output current
70
50
40
mA
output resistance, closed loop
DC
0.2
0.3
0.6
m
Ω
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
CLC5654 Electrical Characteristics (A
v = +2, Rf = 866Ω,RL = 100Ω,Vs = ±5V, unless specified)
Absolute Maximum Ratings
supply voltage (VCC - VEE)
+14V
output current
95mA
common-mode input voltage
VEE to VCC
maximum junction temperature
+150°C
storage temperature range
-65°C to +150°C
lead temperature (soldering 10 sec)
+300°C
Notes
A) J-level: spec is 100% tested at +25°C.
Reliability Information
Transistor Count
152
MTBF (based on limited test data)
12.5Mhr
Ordering Information
Model
Temperature Range
Description
CLC5654IN
-40
°C to +85°C
14-pin PDIP
CLC5654IM
-40
°C to +85°C
14-pin SOIC
CLC5654IMX
-40
°C to +85°C
14-pin tape and reel
Package Thermal Resistance
Package
θθ
JC
θθ
JA
Plastic (IN)
60
°C/W
110
°C/W
Surface Mount (IM)
55
°C/W
125
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com