Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTQ035P02 Datasheet(PDF) 4 Page - Rohm

Part # RTQ035P02
Description  DC-DC Converter (-20V, -3.5A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTQ035P02 Datasheet(HTML) 4 Page - Rohm

  RTQ035P02 Datasheet HTML 1Page - Rohm RTQ035P02 Datasheet HTML 2Page - Rohm RTQ035P02 Datasheet HTML 3Page - Rohm RTQ035P02 Datasheet HTML 4Page - Rohm RTQ035P02 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RTQ035P02
Transistor
4/4
Measurement circuits
Fig.10 Switching Time Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
10%
90%
10%
10%
VGS
VDS
90%
tf
toff
td(off)
tr
ton
td(on)
Fig.11 Switching Waveforms
50%
50%
Pulse Width
Fig.12 Gate Charge Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
IG(Const)
Fig.13 Gate Charge Waveforms
VGS
Qg
Qgs
Qgd
VG
Charge



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com