Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5665 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5665
Description  Low Distortion Amplifier with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5665 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC5665 Datasheet HTML 1Page - National Semiconductor (TI) CLC5665 Datasheet HTML 2Page - National Semiconductor (TI) CLC5665 Datasheet HTML 3Page - National Semiconductor (TI) CLC5665 Datasheet HTML 4Page - National Semiconductor (TI) CLC5665 Datasheet HTML 5Page - National Semiconductor (TI) CLC5665 Datasheet HTML 6Page - National Semiconductor (TI) CLC5665 Datasheet HTML 7Page - National Semiconductor (TI) CLC5665 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
Vcc
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC5665
+25°C
+25°C
0 to 70°C -40 to 85°C
FREQUENCY DOMAIN RESPONSE
small-signal bandwidth (Av = +1) Vout < 1.0Vpp
±15
90
MHz
small-signal bandwidth
Vout < 1.0Vpp
±15
70
MHz
Vout < 1.0Vpp
±5
50
MHz
0.1dB bandwidth
Vout < 1.0Vpp
±15
20
MHz
Vout < 1.0Vpp
±5
15
MHz
large-signal bandwidth
Vout = 10Vpp
25
MHz
gain flatness
Vout < 1.0Vpp
peaking
DC to 10MHz
0.03
dB
rolloff
DC to 20MHz
0.1
dB
linear phase deviation
DC to 20MHz
0.7
deg
differential gain
4.43MHz, RL = 150Ω
±15
0.05
%
4.43MHz, RL = 150Ω
±5
0.05
%
differential phase
4.43MHz, RL = 150Ω
±15
0.05
deg
4.43MHz, RL = 150Ω
±5
0.1
deg
TIME DOMAIN RESPONSE
rise and fall time
2V step
5
ns
10V step
10
ns
settling time to 0.05%
2V step
35
ns
overshoot
2V step
5
%
slew rate
20V step
1800
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
1Vpp,1MHz, RL = 500Ω
-89
dBc
3rd harmonic distortion
1Vpp,1MHz, RL = 500Ω
-92
dBc
input voltage noise
>1MHz
3.0
nV/
√Hz
non-inverting input current noise >1MHz
3.2
pA/
√Hz
inverting input current noise
>1MHz
15
pA/
√Hz
DC PERFORMANCE
input offset voltage
±15
1.0
7.5
9.0
10.0
mV
A
average drift
25
–
µV/°C
input bias current
non-inverting
±15, ±5
3
20
20
20
µAA
average drift
10
–
nA/°C
input bias current
inverting
±15, ±5
3
20
20
20
µAA
average drift
10
–
nA/°C
power-supply rejection ratio
DC
60
55
50
50
dB
common-mode rejection ratio
DC
60
55
50
50
dB
supply current
RL = ∞
±15, ±5
11, 8.5
12
14
15
mA
A
disabled
RL = ∞
±15, ±5
1.5
2.5
2.5
2.5
mA
A
SWITCHING PERFORMANCE
turn on time
400
500
550
550
ns
turn off time
(Note 2)
200
800
800
800
ns
off isolation
10MHz
59
56
56
56
dB
high input voltage
VIH
±15
11.8
12.5
12.7
V
±5
1.8
2.5
2.7
V
low input voltage
VIL
±15
10.8
10.5
10.0
V
±5
0.8
0.6
0.1
V
MISCELLANEOUS PERFORMANCE
non-inverting input resistance
8.0
3.0
2.5
1.7
M
Ω
non-inverting input capacitance
0.5
1.0
1.0
1.0
pF
input voltage range
common mode
±15
±12.5
±12.3
±12.1
±11.8
V
common mode
±5
±2.5
±2.3
±2.2
±1.9
V
output voltage range
RL = ∞
±15
±14
±13.7
±13.7
±13.6
V
RL = ∞
±5
±4.0
±3.9
±3.8
±3.7
V
output current
±85
±60
±50
±45
mA
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
CLC5665 Electrical Characteristics (V
CC = ±15V, Av = +2V/V; Rf = 604Ω,RL = 100Ω; unless specified)
Absolute Maximum Ratings
supply voltage
±16V
short circuit current
(see note 1)
common-mode input voltage
±VCC
maximum junction temperature
+150°C
storage temperature range
-65°C to +150°C
lead temperature (soldering 10 sec)
+300°C
Notes
A) J-level: spec is 100% tested at +25°C.
1) Output is short circuit protected to ground, however
maximum reliability is obtained if output current does not
exceed 125mA.
2) To >50dB attenuation @ 10MHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com