Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM13A-E Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM13A-E
Description  Minimum constant-current outputs: 0.3mA
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13A-E Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM13A-E Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13A-E Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Low Power 16-bit Constant Current LED Driver
Version:Pre.003
Page 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13A-E
Electrical Characteristics (VDD = 5.0 V, Ta = 25C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
CMOS logic level
0.8VDD
VDD
V
Input Voltage “L” Level
VIL
CMOS logic level
GND
0.2VDD
Output Current Skew
(Channel-to-Channel)*1
IOL1
VOUT = 0.5V
Rrext = 22K
0.7
1.5
%
VOUT = 0.5V
Rrext = 4K
1.1
1.8
VOUT = 0.5V
Rrext = 1K
2
3
Output Current Skew
(Chip-to-Chip) *2
IOL2
VOUT = 0.5V
Rrext = 22K
2.8
6
%
VOUT = 0.5V
Rrext = 4K
1.8
4
VOUT = 0.5V
Rrext = 1K
1.4
3
Output Voltage Regulation
% / VOUT
VOUT = 0.5 V ~ 3 V (DC)
Rrext = 4 K
0.1
0.5
% / V
Supply Voltage Regulation
% / VDD
VDD = 3.3 V ~5 V (DC)
Rrext = 4 K
0.1
0.5
Output Current Ripple
(due to output voltage ripple)
IRIP1
VOUT=1.5V
0.1V@5MHz
Rrext = 4 K
0.5
1
%
Output Current Ripple
(due to supply voltage ripple)
IRIP2
VDD=4V
0.1V@5MHz
Rrext = 4 K
0.7
1.2
Average Output Current Skew
(due to supply voltage ripple)
IAO
VDD=4V
0.1V@5MHz
Rrext = 4 K
0.1
0.5
Supply Current
IDD(off)
power on
all pins are open
unless VDD and GND
4
7
mA
IDD(off)
input signal is static
Rrext = 4K
all outputs turn off
4.5
8
IDD(on)
input signal is static
Rrext = 4K
all outputs turn on
4.5
8
*1 Channel-to-channel skew is defined as the ratio between (any I
OUT ) of chip and (the average Iout) of chip.
Equation:
Skew(IOL1)={(IOUTn)/[ (IOUTmax + IOUTmin)/2]}-1
*2 Chip-to-chip skew is defined as the ratio between (the average of OUT0 to OUT15 ) and (the reference Iout).
Equation:
Skew(IOL2)={[(IOUT0+IOUT1+……IOUT14+IOUT15)/16]/(Iref.)}-1 ; Iref refer to page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com