Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM632C Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM632C
Description  Maximum output voltage: 17V
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM632C Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM632C Datasheet HTML 1Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 2Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 3Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 4Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 5Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 6Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 7Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM632C Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
16-channel 16-bit PWM Constant Current LED Driver
Version:A.001
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM632C
DM632C
16-CHANNEL CONSTANT CURRENT LED DRIVER
WITH PROGRAMMABLE PWM OUTPUTS
General Description
DM632C is a 16-channel constant current sink LED driver. Each channel has adjustable 16-bits
(65536 steps) grayscale PWM control current outputs. It incorporates shift registers, data latches,
constant current circuitry with current value set by an external resistor, selectable oscillator source
for PWM functioning, and built-in LED open detection circuit to detect error status. It is specifically
designed for LED display or lighting applications.
Features
Constant-current outputs: 5mA to 90mA adjustable by one external resistor
16-bit linear PWM control current outputs for each channel
Maximum output voltage: 17V
Maximum clock frequency: 25MHz
Selectable internal/external PWM reference clock
PWM free-running capability (refresh rate (~ 275Hz) with internal oscillator (~ 18 MHz))
Build-in real-time open detection
Package and pin assignment (except QFN32) compatible to pure LED driver series
(ST2221C, DM134/5/6, DM13C)
Power supply voltage: 3.3V to 5.5V
Applications
Indoor/Outdoor LED Video Display
LED Variable Message Signs (VMS) System
LED Decorative Lighting
Package Types
SOP24, SOP24B, SSOP24, TSSOP24E (with exposed pad), QFN32 (with exposed pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com