Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS224A1 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # PS224A1
Description  Over/Under-voltage protection and lock out
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS224A1 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button PS224A1 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS224A1 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS224A1 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS224A1 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS224A1 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS224A1 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS224A1 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS224A1 Datasheet HTML 9Page - Silicon Touch Technology Inc. PS224A1 Datasheet HTML 10Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
4-Channel Secondary Monitoring IC
Version
:A.002
-6-
PS224A1
Electrical Characteristics (Continued)
PGO, Open Drain Digital Output
Parameter
Conditions
MIN
TYP
MAX
Unit
Leakage Current (ILKG)
VPGO=5V
5
uA
Low Level Output Voltage (VOL)
ISINK=10mA
0.3
V
Over-Current Section
Parameter
Conditions
MIN
TYP
MAX
Unit
VS33, VS5
-5
-1
3
mV
Offset Voltage
VS12A/B
-4
-1
2
mV
Constant VRI multiply Current Gain ( KA )
9.25
10.0
10.75
FPO/, Open Drain Digital Output
Parameter
Conditions
MIN
TYP
MAX
Unit
Leakage Current (ILKG)
VFPO/=5V
5
uA
Low Level Output Voltage (VOL)
ISINK=20mA
0.3
V
External Protection Detect Section
Parameter
Conditions
MIN
TYP
MAX
Unit
Threshold(VTH)
1.20
1.25
1.30
V
Hysteresis (VHYST)
+/-20
+/-50
+/-80
mV
Switching Characteristics, Vcc=12V, Ta = 25°C.
Parameter
Conditions
MIN
TYP
MAX
Unit
PGI to PGO Delay Time (Td1)
200
300
400
mS
Short Circuit Delay Time (Td2)
49
75
100
mS
PGO to FPO/ Delay Time (Td3)
2
4
6
mS
Under Voltage Delay Time (Td4)
2.4
3
3.6
mS
Over Current Delay Time (Td5)
13
20
27
mS
Over Voltage Delay Time (Td6)
9
14
19
uS
Pext Delay Time (Td7)
2.4
3
3.6
mS
PSON/ De-bounce Time (Tb1)
24
38
52
mS
PGO Noise De-glitch Time (Tb2)
47
73
100
uS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com