Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS252C1 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # PS252C1
Description  Over/Under-voltage protection and lock out
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS252C1 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button PS252C1 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 9Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 10Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2-Channel Secondary Monitoring IC
Version
:A.003
PAGE 6
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
PS252C1
Electrical Characteristics (Continued)
PGO, Open Drain Digital Output
Parameter
Conditions
MIN
TYP
MAX
Unit
Leakage Current (ILKG)
VPGO=5V
5
uA
Low Level Output Voltage (VOL)
ISINK=10mA
0.3
V
Over-Current Section
Parameter
Conditions
MIN
TYP
MAX
Unit
VS12A/B Offset Voltage
-5
0
5
mV
Constant VRI multiply Current Gain ( K )
9.0
10.0
10.75
FPO/, Open Drain Digital Output
Parameter
Conditions
MIN
TYP
MAX
Unit
Leakage Current (ILKG)
VFPO/=5V
5
uA
Low Level Output Voltage (VOL)
ISINK=20mA
0.4
V
External Protection Detect Section
Parameter
Conditions
MIN
TYP
MAX
Unit
Threshold(VTH)
1.15
1.20
1.25
V
Hysteresis (VHYST)
+/-20
+/-50
mV
Switching Characteristics, Vcc=12V, Ta = 25°C.
Parameter
Conditions
MIN
TYP
MAX
Unit
PGI to PGO Delay Time (Td1)
200
300
400
mS
PGI< 0.65V
Disable UV/OC Pretection
Short Circuit Delay Time (Td2)
PGI> 0.65V
49
75
114
mS
PGO to FPO/ Delay Time (Td3)
2
4
6
mS
Under Voltage Delay Time (Td4)
47
73
110
uS
Over Current Delay Time (Td5)
13
20
27
mS
Over Voltage Delay Time (Td6)
15
22
30
uS
Pext Delay Time (Td7)
47
73
110
uS
PSON/ De-bounce Time (Tb1)
24
38
61
mS
PGO Noise De-glitch Time (Tb2)
47
73
100
uS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com