Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2226B Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # ST2226B
Description  Maximum output current: 60 mA
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST2226B Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button ST2226B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 7Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 8Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 9Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 10Page - Silicon Touch Technology Inc. ST2226B Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST2226B
ST2226B
Version
:A.002
Page
:6
Electrical Characteristics
PARAMETER
TEST
CONDITIONS
MIN
NOM
MAX
UNIT
High-level digital output voltage,
VOH
DVDD-
0.5
-
-
V
Low-level digital output voltage,
VOL
-
-
0.5
V
Input current, II
-
-
±1
μA
Supply current (Digital)
DCLK = 10MHz,
GCLK = 10MHz
0.5
mA
Supply current (Analog)
REXT = 2K
14
mA
Voltage reference, VBG
Rext = 2KΩ
1.24
1.26
1.28
V
Driver output current, IOUT
Rext = 2KΩ,
VOUT = 2.0V
32.2
mA
Driver output leakage current, IOL
-
-
1
μA
Driver current skew between
channels, IOL1
VOUT = 2V, I =
40mA
-
±3
±6
%
Driver current skew between
chips, IOL2
VOUT = 2V, I =
40mA
-
±6
±12
%
Switching Characteristics, CL = 15pF, IOUT = 20mA
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Rise time, tr
DOUT
IOUT
-
-
10
25
20
40
ns
Fall time, tf
DOUT
IOUT
-
-
10
25
20
40
ns
Propagation delay, td
GCLK to IOUT
-
5
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com