Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5654IM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5654IM
Description  Very High-Speed, Low-Cost, Quad Operational Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5654IM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC5654IM Datasheet HTML 1Page - National Semiconductor (TI) CLC5654IM Datasheet HTML 2Page - National Semiconductor (TI) CLC5654IM Datasheet HTML 3Page - National Semiconductor (TI) CLC5654IM Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.national.com
4
Customer Design Applications Support
National Semiconductor is committed to design excellence. For sales, literature and technical support, call the
National Semiconductor Customer Response Group at 1-800-272-9959 or fax 1-800-737-7018.
Life Support Policy
National’s products are not authorized for use as critical components in life support devices or systems without the express written approval of
the president of National Semiconductor Corporation. As used herein:
1. Life support devices or systems are devices or systems which, a) are intended for surgical implant into the body, or b) support or
sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can
be reasonably expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to
cause the failure of the life support device or system, or to affect its safety or effectiveness.
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd.
Japan Ltd.
1111 West Bardin Road
Fax: (+49) 0-180-530 85 86
2501 Miramar Tower
Tel: 81-043-299-2309
Arlington, TX 76017
E-mail: europe.support.nsc.com
1-23 Kimberley Road
Fax: 81-043-299-2408
Tel: 1(800) 272-9959
Deutsch Tel: (+49) 0-180-530 85 85
Tsimshatsui, Kowloon
Fax: 1(800) 737-7018
English Tel: (+49) 0-180-532 78 32
Hong Kong
Francais Tel: (+49) 0-180-532 93 58
Tel: (852) 2737-1600
Italiano Tel: (+49) 0-180-534 16 80
Fax: (852) 2736-9960
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said
circuitry and specifications.
N
Current Feedback Amplifiers
Some of the key features of current feedback
technology are:
s
Independence of AC bandwidth and voltage gain
s
Inherently stable at unity gain
s
Adjustable frequency response with Rf
s
High slew rate
s
Fast settling
Current feedback operation can be described using a
simple equation. The voltage gain for a non-inverting
or inverting current feedback amplifier is approximated
by Equation 1.
Equation 1
where:
Av is the closed loop DC voltage gain
Rf is the feedback resistor
Z(j
ω) is the open loop transimpedance gain
The denominator of Equation 1 is approximately
equal to 1 at low frequencies. Near the -3dB corner
frequency, the interaction between Rf and Z(jω)
dominates the circuit performance. The value of the
feedback resistor has a large affect on the circuits
performance. Increasing Rf has the following affects:
s
Decreases loop gain
s
Decreases bandwidth
s
Reduces gain peaking
s
Lowers pulse response overshoot
s
Affects frequency response phase linearity
Layout Considerations
A proper printed circuit layout is essential for achieving
high frequency performance. National provides
evaluation boards for the CLC5654 (CLC730024 - DIP,
CLC730031 - SOIC) and suggests their use as a guide
for high frequency layout and as an aid for device
testing and characterization.
General layout and
supply bypassing play major roles in high frequency
performance. Follow the steps below as a basis for
high frequency layout:
s
Include 6.8
µF tantalum and 0.1µF ceramic
capacitors on both supplies.
s
Place the 6.8
µF capacitors within 0.75 inches of
the power pins.
s
Place the 0.1
µF capacitors less than 0.1 inches
from the power pins.
s
Remove the ground plane under and around the
part, especially near the input and output pins to
reduce parasitic capacitance.
s
Minimize all trace lengths to reduce series
inductances.
s
Use flush-mount printed circuit board pins for
prototyping, never use high profile DIP sockets.
Active Filter Application Notes
OA-21 Simplified Component Pre-Distortion for High
Speed Active Filters
OA-26 Designing High-Speed Active Filters
OA-27 Low-Sensitivity, Lowpass Filter Design
OA-28 Low-Sensitivity, Bandpass Filter Design
with Tuning Method
OA-29 Low-Sensitivity, Highpass Filter Design
with Parasitic Compensation
V
V
A
1
R
Zj
o
i
v
f
=
+ ()ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com