Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5802 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5802
Description  Dual Low-Noise, Voltage Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5802 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC5802 Datasheet HTML 4Page - National Semiconductor (TI) CLC5802 Datasheet HTML 5Page - National Semiconductor (TI) CLC5802 Datasheet HTML 6Page - National Semiconductor (TI) CLC5802 Datasheet HTML 7Page - National Semiconductor (TI) CLC5802 Datasheet HTML 8Page - National Semiconductor (TI) CLC5802 Datasheet HTML 9Page - National Semiconductor (TI) CLC5802 Datasheet HTML 10Page - National Semiconductor (TI) CLC5802 Datasheet HTML 11Page - National Semiconductor (TI) CLC5802 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Information (Continued)
(6)
Figure 8 shows an example of the response of the circuit of
Figure 7, where f
O is 2.3MHz. The component values are as
follows: R
a = 2.1kΩ,Rb = 68.5Ω,R2 = 4.22kΩ, R = 500Ω,
KR=50
Ω, C = 120pF.
DS101341-36
FIGURE 8.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com