Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOIP1SN016KA Datasheet(PDF) 71 Page - ON Semiconductor

Part # NOIP1SN016KA
Description  PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIP1SN016KA Datasheet(HTML) 71 Page - ON Semiconductor

Back Button NOIP1SN016KA Datasheet HTML 67Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 68Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 69Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 70Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 71Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 72Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 73Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 74Page - ON Semiconductor NOIP1SN016KA Datasheet HTML 75Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
NOIP1SN025KA, NOIP1SN016KA, NOIP1SN012KA, NOIP1SN010KA
www.onsemi.com
71
Table 30. REGISTER MAP
Category
Type
Description
Default
Default
(Hex)
Register Name
Bit
Field
Address
Address
Offset
Block
Offset
[12:0]
y_start
0x0000
0
Y Start Configuration
92
348
roi30_configuration2
0x13FF
5119
ROI Configuration
RW
[12:0]
y_end
0x13FF
5119
Y End Configuration
93
349
roi31_configuration0
0x4F00
20224
ROI Configuration
RW
[7:0]
x_start
0x00
0
X Start Configuration
[15:8]
x_end
0x4F
79
X End Configuration
94
350
roi31_configuration1
0x0000
0
ROI Configuration
RW
[12:0]
y_start
0x0000
0
Y Start Configuration
95
351
roi31_configuration2
0x13FF
5119
ROI Configuration
RW
[12:0]
y_end
0x13FF
5119
Y End Configuration
384
0
384
reserved
Reserved
RW
[15:0]
reserved
Reserved
…
…
…
…
…
…
127
511
Reserved
[15:0]
reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com