Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5956 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5956
Description  12-bit, 65 MSPS Broadband Monolithic A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5956 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC5956 Datasheet HTML 1Page - National Semiconductor (TI) CLC5956 Datasheet HTML 2Page - National Semiconductor (TI) CLC5956 Datasheet HTML 3Page - National Semiconductor (TI) CLC5956 Datasheet HTML 4Page - National Semiconductor (TI) CLC5956 Datasheet HTML 5Page - National Semiconductor (TI) CLC5956 Datasheet HTML 6Page - National Semiconductor (TI) CLC5956 Datasheet HTML 7Page - National Semiconductor (TI) CLC5956 Datasheet HTML 8Page - National Semiconductor (TI) CLC5956 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Configuration
Ordering Information
CLC5956IMTD
48-Pin TSSOP
CLC5956IMTDX
48-Pin TSSOP (Taped Reel)
CLC5956PCASM
Evaluation Board
Pin Descriptions
Pin
Name
Pin
No.
Description
A
IN
A
IN
13, 14
Differential input with a common mode voltage of +2.4V. The ADC
full scale input is 1.024 V
PP on each of the complimentary input
signals.
ENCODE
ENCODE
9, 10
Differential clock where ENCODE initiates a new data conversion
cycle on each rising edge. Logic for these inputs are a 50% duty
cycle differential PECL signal.
VCM
21
Internal common mode voltage reference. Nominally +2.4V. Can
be used for the input common mode voltage. This voltage is
derived from an internal bandgap reference.
D0–D11
30–34,
39–45
Digital data outputs are CMOS and TTL compatible. D0 is the LSB
and D11 is the MSB. MSB is inverted. Output coding is two’s
complement.
GND
1–4, 8, 11, 12, 15, 19,
20, 23–26, 35, 36, 47, 48
Circuit ground.
+AV
CC
5–7, 16–18, 22
+5V power supply for the analog section. Bypass to ground with a
0.1 µF capacitor.
+DV
CC
37, 38, 46
+5V power supply for the digital section. Bypass to ground with a
0.1 µF capacitor.
DS015011-1
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com