Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBKB455KCAY16-R0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # CDBKB455KCAY16-R0
Description  Operating Temperature Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDBKB455KCAY16-R0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CDBKB455KCAY16-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CDBKB455KCAY16-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CDBKB455KCAY16-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CDBKB455KCAY16-R0
Specifications
Operating Temperature Range
-
℃
20
to
℃
80
Shape
SMD
Center Frequency
455.0kHz
Nominal Center Value
Yes
Recovered Audio 3dB BW
fn±4.0kHzmin.
Distortion(max.)
%
2
Area of Distortion
2.0%max.(at fn)
Recovered Audio Output
175mV±40
IC
MC3372
IC Maker
MOTOROLA
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2016/06/24



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com