Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7222A Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7222A
Description  3V AM/FM ONE-CHIP RADIO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7222A Datasheet(HTML) 6 Page - STMicroelectronics

  TDA7222A Datasheet HTML 1Page - STMicroelectronics TDA7222A Datasheet HTML 2Page - STMicroelectronics TDA7222A Datasheet HTML 3Page - STMicroelectronics TDA7222A Datasheet HTML 4Page - STMicroelectronics TDA7222A Datasheet HTML 5Page - STMicroelectronics TDA7222A Datasheet HTML 6Page - STMicroelectronics TDA7222A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
24
13
112
b2
e
D
Z
b
e3
b1
E
Stand-off
b3
Stand-off
PACKAGE MECHANICAL DATA (TDA7222A)
24 PINS - PLASTIC SHRINK DIP
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
3.3
0.130
a1
0.51
0.020
b
0.35
0.59
0.014
0.023
b1
0.2
0.36
0.008
0.014
b2
0.75
1.42
0.030
0.056
b3
0.75
0.030
D
23.11
0.910
E
7.95
9.73
0.313
0.383
e
1.778
0.070
e3
19.558
0.770
e4
7.62
0.300
F
6.86
0270
i
5.08
0.200
L
2.54
0.100
TDA7222A - TDA7222AD
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com