Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5957 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5957
Description  12-bit, 70MSPS Broadband Monolithic A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5957 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC5957 Datasheet HTML 1Page - National Semiconductor (TI) CLC5957 Datasheet HTML 2Page - National Semiconductor (TI) CLC5957 Datasheet HTML 3Page - National Semiconductor (TI) CLC5957 Datasheet HTML 4Page - National Semiconductor (TI) CLC5957 Datasheet HTML 5Page - National Semiconductor (TI) CLC5957 Datasheet HTML 6Page - National Semiconductor (TI) CLC5957 Datasheet HTML 7Page - National Semiconductor (TI) CLC5957 Datasheet HTML 8Page - National Semiconductor (TI) CLC5957 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.national.com
2
CLC5957 Electrical Characteristics (V
cc= +5V, 66MSPS; unless specified) (Tmin = -40°C, Tmax = +85°C)
PARAMETERS
CONDITIONS
TEMP
RATINGS
UNITS
NOTES
MIN
TYP
MAX
2
RESOLUTION
Full
12
Bits
1
DIFF. INPUT VOLTAGE RANGE
Full
2.048
V
MAXIMUM CONVERSION RATE
Full
70
75
MSPS
1
SNR
fin = 25MHz, Ain = -1dBFS
+25°C
63
66
dBFS
1
SFDR
fin = 25MHz, Ain = -1dBFS
+25°C
66
74
dBc
1
NO MISSING CODES
fin = 5MHz, Ain = -1dBFS
+25°C
Guaranteed
1
DYNAMIC PERFORMANCE
large-signal bandwidth
Ain = -3dBFS
+25°C
300
MHz
overvoltage recovery time
Ain = 1.5FS (0.01%)
+25°C
12
ns
effective aperture delay (Ta)
+25°C
-0.41
ns
aperture jitter
+25°C
0.3
ps(rms)
NOISE AND DISTORTION
signal-to-noise ratio (w/o 50 harmonics)
fin = 5.0MHz
Ain = -1dBFS
Full
67
dBFS
fin = 25MHz
Ain = -1dBFS
Full
60
66
dBFS
1
fin = 75MHz
Ain = -3dBFS
Full
65
dBFS
fin = 150MHz
Ain = -15dBFS
Full
66
dBFS
fin = 250MHz
Ain = -15dBFS
Full
66
dBFS
spurious-free dynamic range
fin = 5.0MHz
Ain = -1dBFS
Full
74
dBc
fin = 25MHz
Ain = -1dBFS
Full
60
74
dBc
1
fin = 75MHz
Ain = -3dBFS
Full
72
dBc
fin = 150MHz
Ain = -15dBFS
Full
69
dBc
fin = 250MHz
Ain = -15dBFS
Full
65
dBc
intermodulation distortion
fin1 = 149.84MHz, fin2 = 149.7MHz Ain = -10dBFS
+25°C
68
dBFS
fin1 = 249.86MHz, fin2 = 249.69MHz Ain = -10dBFS
+25°C
58
dBFS
dithered performance
spurious-free dynamic range
fin = 19MHz
Ain = -6dBFS
+25°C
85
dBFS
intermodulation distortion
fin1 = 74MHz, fin2 = 75MHz
Ain = -12dBFS
+25°C
83
dBFS
DC ACCURACY AND PERFORMANCE
differential non-linearity
fin = 5MHz, Ain = -1dBFS
Full
±0.65
LSB
integral non-linearity
fin = 5MHz, Ain = -1dBFS
Full
±1.5
LSB
no missing codes
fin = 5MHz, Ain = -1dBFS
Full
Guaranteed
1
offset error
Full
-30
0
30
mV
1
gain error
Full
1.2
%FS
Vref
Full
2.2
2.37
2.6
V
1
ANALOG INPUTS
analog differential input voltage range
Full
2.048
Vpp
analog input resistance (single ended)
Full
500
Ω
analog input resistance (differential)
Full
1000
Ω
analog input capacitance (single-ended)
Full
2
pF
ENCODE INPUTS (Universal)
VIH
+25°C
5
V
3
VIL
+25°C
0
V
3
differential input swing
+25°C
0.2
V
3
DIGITAL OUTPUTS
output voltage
logic LOW
+25°C
0.01
0.4
V
1
OUTLEV = 1 (open)
logic HIGH
+25°C
3.2
3.5
3.8
V
1
OUTLEV = 0 (GND)
logic HIGH
+25°C
2.4
2.7
3.0
V
1
TIMING (C load < 7pF)
maximum conversion rate
Full
70
75
MSPS
1
minimum conversion rate
+25°C
10
MSPS
pulse width high
Full
7.2
ns
pulse width low
Full
7.2
ns
pipeline latency
Full
3.0
clk cycle
falling ENCODE to output change (50%) (Tod)
+25°C
10
ns
rising ENCODE to DAV change (50%) (Tdv)
+25°C
9.6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com