Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6052C Datasheet(PDF) 1 Page - Alpha Wire

Part # 6052C
Description  Component1 2 X 1 PAIR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6052C Datasheet(HTML) 1 Page - Alpha Wire

  6052C Datasheet HTML 1Page - Alpha Wire 6052C Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: 6052C
Issue:
6
Page 1 of 2 Pages
Issue Date:
5/23/2005
Effective Date:
8/1/2005
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1) Component 1
2 X 1 PAIR
a) Conductor
22 (7/30) AWG TC
b) Insulation
0.016" Wall, Nom. PVC
0.062
(1) Color Code
Alpha Wire Company Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
2
BLACK-WHITE
c)
Pair
2/Cond Cabled Together
(1) Twists:
6.9 Twists/foot (min)
Individually Applied:
d) Shield:
Foil Free Alum/Mylar Tape, 25% Overlap, Min.
(1) Foil Direction
Foil Facing In
(2) Drain Wire
22 (7/30) AWG TC
2) Cable Assembly
2 Components Cabled
a) Twists:
3.7 Twists/foot (min)
b) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
3) Jacket
0.043" Wall, Nom.,PVC
0.316 (0.330 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6052C 2PR 22 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2464 --- LLXXXXXX
CSA TYPE CMG FT4
ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
B.
Industry Approvals
1) UL
AWM/STYLE 2464
80°C / 300 VRMS
CM
75°C
VW-1
2) CSA International
CMG
60°C
FT4
3) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site for
compliance Date of Manufacture.
4) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
C.
Physical & Mechanical Properties
1) Temperature Range
-20 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
33 Lbs, Maximum
D.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Mutual Capacitance
43 pf/ft @1 kHz, Nominal
3) Ground Capacitance
77 pf/ft @1 kHz, Nominal
4) Characteristic Impedance
53 Ω
5) Inductance
0.2 µH/ft, Nominal
6) Conductor DCR
16.5 Ω/1000ft @20°C, Nominal
7) Component Shield DCR
13.8 Ω/1000ft @20°C, Nominal
E.
Other
1) Packaging
a) 1000 FT
b) 500 FT


Similar Part No. - 6052C

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6052.0042 SCHURTER-6052.0042 Datasheet
153Kb / 2P
EU Power Supply Cord with IEC Connector C5, straight
6052.0042 SCHURTER-6052.0042 Datasheet
276Kb / 2P
EU Power Supply Cord with IEC Connector C5, straight
05.08.2021
6052.0042 SCHURTER-6052.0042_V01 Datasheet
276Kb / 2P
EU Power Supply Cord with IEC Connector C5, straight
05.08.2021
6052.0047 SCHURTER-6052.0047 Datasheet
355Kb / 4P
IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder, Quick Connect or PCB Terminal
6052.0047 SCHURTER-6052.0047 Datasheet
384Kb / 5P
IEC Appliance Inlet C8 polarized, Snap-in Mounting, Front Side, Solder, Quick Connect or PCB Terminal
More results

Similar Description - 6052C

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6033C ALPHAWIRE-6033C Datasheet
64Kb / 1P
Component1 3 X 1 PAIR
6036C ALPHAWIRE-6036C Datasheet
65Kb / 1P
Component1 6 X 1 PAIR
6042C ALPHAWIRE-6042C Datasheet
68Kb / 2P
Component1 12 X 1 PAIR
6053C ALPHAWIRE-6053C Datasheet
75Kb / 2P
Component1 3 X 1 PAIR
6056C ALPHAWIRE-6056C Datasheet
76Kb / 2P
Component1 6 X 1 PAIR
6062C ALPHAWIRE-6062C Datasheet
75Kb / 2P
Component 1 2 X 1 PAIR
6202C ALPHAWIRE-6202C Datasheet
79Kb / 2P
Component 1 2 X 1 PAIR
6212C ALPHAWIRE-6212C Datasheet
79Kb / 2P
Component 1 2 X 1 PAIR
6362 ALPHAWIRE-6362 Datasheet
72Kb / 1P
Component 1 2 X 1 PAIR
B963021 ALPHAWIRE-B963021 Datasheet
68Kb / 2P
Component 1 2 X 1 PAIR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com