Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSCB10M7GF109-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # CDSCB10M7GF109-R0
Description  Operating Temperature Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CDSCB10M7GF109-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  CDSCB10M7GF109-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CDSCB10M7GF109-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CDSCB10M7GF109-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
CDSCB10M7GF109-R0
Appearance & Shape
Applications
Other Usage
Communication Equipment/Audio Visual Equipment
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-R0
180mm Embossed Tape
2000
Features
CDSCB10M7 series forms a resonator on a piezoelectric ceramic substrate. In combination with ICs, this type obtains stable demodulation characteristics in a wide bandwidth.They have 1.0mm max. thickness and small mounting area(4.5x2.0mm).
Features
1. Compact and high reliability and recommended for automotive applications.
2. Can be combined with various ICs. The IC is determined by the last number in the part number.
3. Stable demodulation characteristics can be obtained without adjustment.
4. Stable temperature characteristics
5. Available lead (Pb) free solder reflow.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/24


Similar Part No. - CDSCB10M7GF109-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CDSCB10M7GF109-R0 MURATA1-CDSCB10M7GF109-R0 Datasheet
1Mb / 77P
(Filters/Traps/Discriminators) for Audio/Visual Equipment
CDSCB10M7GF109-R0 MURATA1-CDSCB10M7GF109-R0 Datasheet
328Kb / 3P
Ceramic Discriminators
04/16/2024
CDSCB10M7GF109-R0 MURATA1-CDSCB10M7GF109-R0_V01 Datasheet
328Kb / 3P
Ceramic Discriminators
04/16/2024
More results

Similar Description - CDSCB10M7GF109-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0334C1H1R4BA01 MURATA-GRM0334C1H1R4BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R6WA01 MURATA-GRM0334C1H1R6WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R8BA01 MURATA-GRM0334C1H1R8BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R8WA01 MURATA-GRM0334C1H1R8WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R9WA01 MURATA-GRM0334C1H1R9WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1HR20WA01 MURATA-GRM0334C1HR20WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1HR40BA01 MURATA-GRM0334C1HR40BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0332C1E5R5WA01 MURATA-GRM0332C1E5R5WA01 Datasheet
49Kb / 1P
Operating temperature range
GRM0332C1E5R6CA01 MURATA-GRM0332C1E5R6CA01 Datasheet
49Kb / 1P
Operating temperature range
GRM0332C1E5R9CA01 MURATA-GRM0332C1E5R9CA01 Datasheet
49Kb / 1P
Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com