Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6325 Datasheet(PDF) 1 Page - Alpha Wire

Part # 6325
Description  Component 1 18 X 1 PAIR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6325 Datasheet(HTML) 1 Page - Alpha Wire

  6325 Datasheet HTML 1Page - Alpha Wire 6325 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Number: 6325
Issue:
4
Page 1 of 2 Pages
Issue Date:
5/26/2005
Effective Date:
8/1/2005
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (In)
1) Component 1
18 X 1 PAIR
a) Conductor
24 (7/32) AWG TC
b) Insulation
0.019" Wall, Nom. Polyethylene, Foam
0.062
(1) Color Code
Alpha Wire Company Color Code A
Pair
Color
Pair
Color
Pair
Color
1
BLACK-RED
7
BLACK-ORANGE
13
RED-ORANGE
2
BLACK-WHITE
8
RED-GREEN
14
GREEN-BLUE
3
BLACK-GREEN
9
RED-WHITE
15
GREEN-WHITE
4
BLACK-BLUE
10
RED-BLUE
16
GREEN-BROWN
5
BLACK-BROWN
11
RED-YELLOW
17
GREEN-ORANGE
6
BLACK-YELLOW
12
RED-BROWN
18
GREEN-YELLOW
c)
Pair
2/Cond Cabled Together
(1) Twists:
6.9 Twists/foot (min)
Individually Applied:
d) Shield:
Foil Free Alum/Mylar Tape, 25% Overlap, Min.
(1) Foil Direction
Foil Facing In
(2) Drain Wire
24 (7/32) AWG TC
2) Cable Assembly
18 Components Cabled
a) Twists:
1.4 Twists/foot (min)
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
a) Foil Direction
Foil Facing Out
b) Drain Wire
24 (7/32) AWG TC
c)
Braid
TC,65% Coverage, Min.
4) Jacket
0.063" Wall, Nom.,PVC
0.721 (0.751 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6325 18PR 24 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2493 --- LLXXXXXX
CSA TYPE CMH FT1
ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
B.
Industry Approvals
1) UL
AWM/STYLE 2493
60°C
CM
75°C
VW-1
2) CSA International
CMH
60°C
FT1
3) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site for
compliance Date of Manufacture.
4) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the
requirements of California Proposition 65.
C.
Physical & Mechanical Properties
1) Temperature Range
-20 to 75°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
202 Lbs, Maximum
D.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Characteristic Impedance
100 Ω
3) Mutual Capacitance
12.5 pf/ft @1 kHz, Nominal
4) Ground Capacitance
22 pf/ft @1 kHz, Nominal
5) Conductor DCR
26 Ω/1000ft @20°C, Nominal


Similar Part No. - 6325

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
6325 AVX-6325 Datasheet
384Kb / 6P
Card Edge Connectors
logo
Presto International UK...
632505 PRESTO-632505 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
632532 PRESTO-632532 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
632563 PRESTO-632563 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Schneider Electric
6325AXXMDS-DC3 SCHNEIDER-6325AXXMDS-DC3 Datasheet
145Kb / 3P
Relay, SE Relays, solid state, SPST NO, 25A, 3??200 VDC, 3...32 VDC Uc, MOSFET Dc switching, screw terminal
Jul 27, 2021
More results

Similar Description - 6325

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6064C ALPHAWIRE-6064C Datasheet
76Kb / 2P
Component 1 4 X 1 PAIR
6066C ALPHAWIRE-6066C Datasheet
76Kb / 2P
Component 1 6 X 1 PAIR
6084C ALPHAWIRE-6084C Datasheet
75Kb / 2P
Component 1 4 X 1 PAIR
6203C ALPHAWIRE-6203C Datasheet
75Kb / 2P
Component 1 3 X 1 PAIR
6212C ALPHAWIRE-6212C Datasheet
79Kb / 2P
Component 1 2 X 1 PAIR
6213C ALPHAWIRE-6213C Datasheet
75Kb / 2P
Component 1 3 X 1 PAIR
6223C ALPHAWIRE-6223C Datasheet
75Kb / 2P
Component 1 3 X 1 PAIR
6227C ALPHAWIRE-6227C Datasheet
76Kb / 2P
Component 1 7 X 1 PAIR
B963011 ALPHAWIRE-B963011 Datasheet
68Kb / 2P
Component 1 1 X 1 PAIR
B963031 ALPHAWIRE-B963031 Datasheet
68Kb / 2P
Component 1 3 X 1 PAIR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com