Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5958 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5958
Description  14-bit, 52MSPS A/D Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5958 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC5958 Datasheet HTML 1Page - National Semiconductor (TI) CLC5958 Datasheet HTML 2Page - National Semiconductor (TI) CLC5958 Datasheet HTML 3Page - National Semiconductor (TI) CLC5958 Datasheet HTML 4Page - National Semiconductor (TI) CLC5958 Datasheet HTML 5Page - National Semiconductor (TI) CLC5958 Datasheet HTML 6Page - National Semiconductor (TI) CLC5958 Datasheet HTML 7Page - National Semiconductor (TI) CLC5958 Datasheet HTML 8Page - National Semiconductor (TI) CLC5958 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
TEMP
RATINGS
UNITS
NOTES
MIN
TYP
MAX
RESOLUTION
Full
14
Bits
1
DIFF. INPUT VOLTAGE RANGE
Full
2.048
V
MAXIMUM CONVERSION RATE
Full
52
65
MSPS
1
SNR
fin = 10MHZ, Ain = -0.6dBFS +25°C
69
71
dBFS
1
SFDR
fin = 10MHZ, Ain = -0.6dBFS +25°C
80
90
dB
1
SFDR EXCLUDING 2nd & 3rd HARM.
fin = 10MHZ, Ain = -0.6dBFS +25°C
85
92
dB
1
NO MISSING CODES
fin = 10MHZ, Ain = -0.6dBFS +25°C
Guaranteed
1
NOISE AND DISTORTION
noise floor
2
fin = 5MHz
Ain = -1dBFS
+25°C
-71.0
dBFS
fin = 5MHz
Ain = -20dBFS
+25°C
-72.0
dBFS
2nd & 3rd harmonic distortion (w/o dither)
fin = 5MHz
Ain = -1dBFS
+25°C
-90
dBFS
fin = 20MHz
Ain = -1dBFS
+25°C
-87
dBFS
fin = 70MHz
Ain = -3dBFS
+25°C
-78
dBFS
next worst harmonic distortion (w/o dither)
3
fin = 5MHz
Ain = -1dBFS
+25°C
-92
dBFS
fin = 20MHz
Ain = -1dBFS
+25°C
-90
dBFS
fin = 70MHz
Ain = -3dBFS
+25°C
-90
dBFS
worst harmonic distortion (with dither)
4
fin = 5MHz
Ain = -6dBFS
+25°C
-95
dBFS
fin = 20MHz
Ain = -6dBFS
+25°C
-95
dBFS
fin = 70MHz
Ain = -6dBFS
+25°C
-82
dBFS
fin = 70MHz (2nd & 3rd excluded) Ain = -6dBFS
+25°C
-95
dBFS
2-Tone IM distortion (w/o dither)
fin1 =12MHz, fin2 = 15MHz
Ain1 = Ain2 = -7dBFS
+25°C
-100
dBFS
SINAD (w/o dither)
fin = 5MHz
Ain = -1dBFS
+25°C
69
dB
CLOCK RELATED SPURIOUS TONES
fs/8, fs/4
+25°C
-95
dBFS
next worst clock spur
+25°C
-100
dBFS
5
calibration sideband coefficient
+25°C
100e-6
6
DC ACCURACY AND PERFORMANCE
differential non-linearity
+25°C
±0.3
LSB
integral non-linearity
+25°C
±1.5
LSB
offset error
+25°C
±2.0
mV
gain error
+25°C
2
% of FS
DYNAMIC PERFORMANCE
large-signal bandwidth
+25°C
210
MHz
aperture jitter
+25°C
0.5
ps(rms)
TIMING
effective aperture delay (tA)
+25°C
-0.2
ns
pipeline delay (tP)
Full
3
clk cycle
output buffer delay (to)
+25°C
6.6
ns
data valid buffer delay (tDAV)
+25°C
6.6
ns
ANALOG INPUT CHARACTERISTICS
single-ended input resistance
+25°C
500
Ω
single-ended capacitance
+25°C
3.6
pF
ENCODE INPUT CHARACTERISTICS
VIH
Full
3.9
4.5
V
7
VIL
Full
3.0
3.8
V
7
differential input swing
Full
0.2
V
IIL
Full
2
µA
IIH
Full
25
µA
CLC5958 Electrical Characteristics (V
cc= +5V, DVcc= +3.3V, 52MSPS; unless specified, Tmin = -40°C, Tmax = +85°C)
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com