Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7DF00S0-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SFECF10M7DF00S0-R0
Description  The filters are mountable by automatic placers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECF10M7DF00S0-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SFECF10M7DF00S0-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFECF10M7DF00S0-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFECF10M7DF00S0-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
SFECF10M7DF00S0-R0
Appearance & Shape
Applications
Other Usage
Communication Equipment/Audio Visual Equipment
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-R0
180mm Embossed Tape
2000
Features
SFECF10M7 series for FM receivers are small, high-performance
and super thin (1.4mm max.) filters. The piezoelectric element is
sandwiched by the ceramics substrate. They have 1.4mm max.
thickness and a small mounting area (3.45x3.1mm). SFECF series
and CDSCB series (MHz Discriminator) enable customers to make
VICS/RKE/TPMS set very thin
and small.
Features
1. The filters are mountable by automatic placers.
2. They are slim, at only 1.4mm max. thickness, and have a small
mounting area (3.45x3.1mm) enabling flexible PCB design.
3. Various bandwidths are available. Select a suitable type in
accordance with the desired selectivity.
4. Operating Temperature Range: -40 to +85 (degrees C), Storage
Temperature Range: -55 to +85 (degrees C)
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2016/06/24


Similar Part No. - SFECF10M7DF00S0-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0 Datasheet
223Kb / 3P
Filters
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA1-SFECF10M7DF00S0-R0 Datasheet
1Mb / 77P
(Filters/Traps/Discriminators) for Audio/Visual Equipment
SFECF10M7DF00S0-R0 MURATA1-SFECF10M7DF00S0-R0 Datasheet
355Kb / 3P
Filters
04/09/2024
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0_17 Datasheet
223Kb / 3P
Filters
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA1-SFECF10M7DF00S0-R0_V01 Datasheet
355Kb / 3P
Filters
04/09/2024
More results

Similar Description - SFECF10M7DF00S0-R0

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
0828 JMK-0828 Datasheet
97Kb / 1P
The 0828 filters are excellent for suppressing noise from switching power supplies
EF-0720-10 JMK-EF-0720-10 Datasheet
169Kb / 1P
The 720 filters are excellent for suppressing noise from switching power supplies
FE-0720A JMK-FE-0720A Datasheet
173Kb / 1P
The FE-720A series filters are the same as our standard 720A series filters except that the connector is a standard IEC outlet.
logo
Tyco Electronics
BLF820 MACOM-BLF820 Datasheet
39Kb / 1P
surface Mountable RFI Filters
1EBP MACOM-1EBP Datasheet
177Kb / 3P
PC Board Mountable General Purpose RFI Filters
logo
Amphenol Corporation
MS-3100A-18-19-P-W-PC AMPHENOL-MS-3100A-18-19-P-W-PC Datasheet
1Mb / 40P
the interchangeability and operating characteristics are determined by U.S. Military Specifications.
logo
Sanken electric
LC5710S SANKEN-LC5710S Datasheet
2Mb / 42P
Operation Types: The following converter types are applicable by the external circuit configuration
logo
Murata Manufacturing Co...
SFECF10M7DA0001-R0 MURATA-SFECF10M7DA0001-R0 Datasheet
211Kb / 3P
The filters are mountable by automatic placers
SFECF10M7DF00-R0 MURATA-SFECF10M7DF00-R0 Datasheet
211Kb / 3P
The filters are mountable by automatic placers
SFECF10M7EA00S0-R0 MURATA-SFECF10M7EA00S0-R0 Datasheet
210Kb / 3P
The filters are mountable by automatic placers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com