Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFECF10M7FA00S0-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SFECF10M7FA00S0-R0
Description  Operating Temperature Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECF10M7FA00S0-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SFECF10M7FA00S0-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFECF10M7FA00S0-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFECF10M7FA00S0-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
SFECF10M7FA00S0-R0
Appearance & Shape
Applications
Other Usage
Communication Equipment/Audio Visual Equipment
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-R0
180mm Embossed Tape
2000
Features
SFECF10M7 series for FM receivers are small, high-performance
and super thin (1.4mm max.) filters. The piezoelectric element is
sandwiched by the ceramics substrate. They have 1.4mm max.
thickness and a small mounting area (3.45x3.1mm). SFECF series
and CDSCB series (MHz Discriminator) enable customers to make
VICS/RKE/TPMS set very thin
and small.
Features
1. The filters are mountable by automatic placers.
2. They are slim, at only 1.4mm max. thickness, and have a small
mounting area (3.45x3.1mm) enabling flexible PCB design.
3. Various bandwidths are available. Select a suitable type in
accordance with the desired selectivity.
4. Operating Temperature Range: -40 to +85 (degrees C), Storage
Temperature Range: -55 to +85 (degrees C)
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/24


Similar Part No. - SFECF10M7FA00S0-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFECF10M7FA00S0-R0 MURATA1-SFECF10M7FA00S0-R0 Datasheet
1Mb / 77P
(Filters/Traps/Discriminators) for Audio/Visual Equipment
SFECF10M7FA00S0-R0 MURATA1-SFECF10M7FA00S0-R0 Datasheet
354Kb / 3P
Filters
04/09/2024
logo
Murata Manufacturing Co...
SFECF10M7FA00S0-R0 MURATA-SFECF10M7FA00S0-R0_17 Datasheet
225Kb / 3P
Filters
logo
Murata Manufacturing Co...
SFECF10M7FA00S0-R0 MURATA1-SFECF10M7FA00S0-R0_V01 Datasheet
354Kb / 3P
Filters
04/09/2024
More results

Similar Description - SFECF10M7FA00S0-R0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0334C1H1R4BA01 MURATA-GRM0334C1H1R4BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R6WA01 MURATA-GRM0334C1H1R6WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R8BA01 MURATA-GRM0334C1H1R8BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R8WA01 MURATA-GRM0334C1H1R8WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1H1R9WA01 MURATA-GRM0334C1H1R9WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1HR20WA01 MURATA-GRM0334C1HR20WA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0334C1HR40BA01 MURATA-GRM0334C1HR40BA01 Datasheet
93Kb / 2P
Operating temperature range
GRM0332C1E5R5WA01 MURATA-GRM0332C1E5R5WA01 Datasheet
49Kb / 1P
Operating temperature range
GRM0332C1E5R6CA01 MURATA-GRM0332C1E5R6CA01 Datasheet
49Kb / 1P
Operating temperature range
GRM0332C1E5R9CA01 MURATA-GRM0332C1E5R9CA01 Datasheet
49Kb / 1P
Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com