Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC23PS-2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SC23PS-2
Description  Used to strap coaxial and telephone cable to strand
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC23PS-2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SC23PS-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC23PS-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC23PS-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC23PS-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC23PS-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC23PS-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC23PS-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
27
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Construction Hardware
Tap Brackets, Support Brackets
Tap Bracket - Horizontal Mount
• Tap bracket used to secure a tap to the steel strand.
• Firm and positive grip with no rotation or sliding on steel strand.
• Stopper at multi-tap attachment.
• Mechanically galvanized ASTM B695.
Part Number
Description
Inner
Pack
Outer
Pack
SC23PS-2
2" Horizontal Mount
--
32
SC23PS-3
3" Horizontal Mount
--
32
SC23PS-4
4" Horizontal Mount
--
32
SC23PS4-C
4" Horizontal Mount - Canada
--
32
Strand Hanger Support Bracket
• Used in mid-span or next to tap application.
• In high risk theft areas, makes it more difficult to tamper with the traps.
• Support up to 4 trap shields (up to 16 traps).
• Mechanically galvanized ASTM B695.
• Can also be supplied with a coated top shield aluminum bracket.
Part Number
Description
Inner
Pack
Outer
Pack
SC73-1F
Strand Hanger Support Bracket
--
32
Construction
Hardware



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com