Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC23PS-3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC23PS-3
Description  Used to strap coaxial and telephone cable to strand
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC23PS-3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC23PS-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC23PS-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
25
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Construction Hardware
Hangers, Brackets, Hooks
Fiber Optic Rack Hanger
• Secures F.O. storage devices (snow shoes) to strand.
• For 1/4” - 7/16” strand.
• Aluminum bracket.
• Steel ASTM B695 clamp plates.
Dead-End Bracket
• Dead-end bracket used to apply tension to steel strand building riser and to provide a
means to dead-end a guy strand.
• Mechanically galvanized ASTM B695.
• 1,000 lb. load capacity.
Drive Hooks
• Used to support bail-type drop wire clamps to poles.
• Galvanized to ASTM A153 or B695.
• Fetter drive threads.
Part Number
Description
Inner
Pack
Outer
Pack
29-19945
Fiber Optic Rack Hanger
--
25
Part Number
Description
Inner
Pack
Outer
Pack
SC44-1
5/16" Diameter Hook with 2-3/4" Tension Adjustment
--
25
Part Number
Description
Inner
Pack
Outer
Pack
40-43007
7/16" Diameter x 4-3/4" Long
--
100
40-43008
5/16" Diameter x 3-1/2" Long
--
200
Square Washer
• Supports bolt head or nut of machine bolt.
• Mechanically galvanized ASTM B695.
Part Number
Description
Inner
Pack
Outer
Pack
28-03004
5/8" Bolt Size x 2-1/4" Square x 3/16" Thickness
--
100
Construction
Hardware



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com