Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC23PS4-C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC23PS4-C
Description  Used to strap coaxial and telephone cable to strand
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC23PS4-C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC23PS4-C Datasheet HTML 1Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 2Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 3Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 4Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 5Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 6Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
23
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Construction Hardware
Lashed Cable Supports
Lashed Cable Support Kit
• Used to strap coaxial or telephone cable to strand.
• Kit contains 100 ft. 430 stainless steel strapping and 75 steel buckles.
• Kit makes 75 straps 16” average length.
• Cut to desired length and secure to buckle.
Plastic Cable Spacer
• High density outdoor polyethylene with U.V. inhibitors.
• Bell type.
• Provides separation between aerial cable and messenger.
Support Strap
• Reusable support strap with integral buckle made of malleable aluminum fire retardant.
Used to bundle telephone, coaxial and fiber cable at the steel strand.
• Safe to use, no sharp edges to cut hands or cables.
Part Number
Description
Inner
Pack
Outer
Pack
34-00890
3/4" Wide Stainless Steel Strap with 75 Buckles
1
10
Part Number
Description
Inner
Pack
Outer
Pack
34-08850
1/2" Plastic Spacer
100
1,000
34-08875
3/4" Plastic Spacer
100
1,000
Part Number
Description
Inner
Pack
Outer
Pack
SC05-1
10" Long, 3/4" Band
--
500
SC06-1
16" Long, 3/4" Band
--
500
Construction
Hardware



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com