Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2413 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2413
Description  CAT6 (350 MHz), 4-Pair, U/UTP-Unshielded, Plenum-CMP, Premise Horizontal Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2413 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2413 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2413 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2413 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2413 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2413 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Installation Temperature Range:
+5°C To +50°C
Operating Temperature Range:
0°C To +75°C
Bulk Cable Weight:
40.181 Kg/Km
Max. Recommended Pulling Tension:
177.928 N
Min. Bend Radius/Minor Axis:
19.050 mm
Min. Bend/Installation:
57.150 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMP
CEC/C(UL) Specification:
CMP
EU Directive 2011/65/EU (ROHS II):
Yes
Other Standards:
ISO/IEC 11801 ed 2.1 (2008) Class E
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
10/13/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Telecommunications Standards:
Category 6 - TIA 568.C.2
Applicable Patents:
Country
Patent
US
5563377
US
6570095
US
6998537
US
7179999
CANADA 2144694
US
7977575
Flame Test
UL Flame Test:
NFPA 262 Plenum Flame Test (UL910)(FT6)
C(UL) Flame Test:
FT6
CSA Flame Test:
FT6
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
No
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Non-Plenum Number:
2412
Electrical Characteristics (Overall)
Nom. Mutual Capacitance:
Capacitance (pF/m)
49.215
Maximum Capacitance Unbalance:
Capacitance (pF/m)
1082.730
Page 2 of 5
01-10-2014
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
2413 Multi-Conductor - Enhanced Category 6 Nonbonded-Pair Cables



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com