Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS62007DGS Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62007DGS
Description  HIGH-EFFICIENCY STEP-DOWN LOW POWER DC-DC CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62007DGS Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62007DGS Datasheet HTML 2Page - Texas Instruments TPS62007DGS Datasheet HTML 3Page - Texas Instruments TPS62007DGS Datasheet HTML 4Page - Texas Instruments TPS62007DGS Datasheet HTML 5Page - Texas Instruments TPS62007DGS Datasheet HTML 6Page - Texas Instruments TPS62007DGS Datasheet HTML 7Page - Texas Instruments TPS62007DGS Datasheet HTML 8Page - Texas Instruments TPS62007DGS Datasheet HTML 9Page - Texas Instruments TPS62007DGS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS62000, TPS62001, TPS62002, TPS62003
TPS62004, TPS62005, TPS62006, TPS62007, TPS62008
HIGHEFFICIENCY STEPDOWN LOW POWER DCDC CONVERTER
SLVS294C − SEPTEMBER 2000 − REVISED SEPTEMBER 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
current flowing backward through the inductance which increases the efficiency. An antiringing switch across
the inductor prevents parasitic oscillation caused by the residual energy stored in the inductance (see Figure
12).
NOTE:
The antiringing switch is only activated in the fixed output voltage versions. It is not enabled for the
adjustable output voltage version TPS62000.
soft start
As the enable pin (EN) goes high, the soft-start function generates an internal voltage ramp. This causes the
start-up current to slowly rise preventing output voltage overshoot and high inrush currents. The soft-start
duration is typical 1 ms (see Figure 13). When the soft-start function is completed, the error amplifier is
connected directly to the internal voltage reference.
enable
Logic low on EN forces the TPS6200x into shutdown. In shutdown, the power switch, drivers, voltage reference,
oscillator, and all other functions are turned off. The supply current is reduced to less than 1
µA in the shutdown
mode.
undervoltage lockout
An undervoltage lockout circuit provides the save operation of the device. It prevents the converter from turning
on when the voltage on VIN is less than typically 1.6 V
power good comparator
The power good (PG) comparator has an open drain output capable of sinking typically 10
µA. The PG is only
active when the device is enabled (EN = high). When the device is disabled (EN = low), the PG pin is high
impedance.
The PG output is only valid after a 100
µs delay after the device is enabled and the supply voltage is greater
than 1.2 V. This is only important in cases where the pullup resistor of the PG pin is connected to an external
voltage source which might cause an initial spike (false high signal) within the first 100
µs after the input voltage
exceeds 1.2 V. This initial spike can be filtered with a small R-C filter to avoid false power good signals during
start-up.
If the PG pin is connected to the output of the TPS62000 with a pullup resistor, no initial spike (false high signal)
occurs and no precautions have to be taken during start-up.
The PG pin becomes active high when the output voltage exceeds typically 94.5% of its nominal value. Leave
the PG pin unconnected when not used.
no load operation
In case the converter operates in the forced PWM mode and there is no load connected to the output, the
converter will regulate the output voltage by allowing the inductor current to reverse for a short period of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com