Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9502B092AL Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9502B092AL
Description  2ch. Step-up / down DC/DC Controller ICs
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9502B092AL Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9502B092AL Datasheet HTML 17Page - Torex Semiconductor XC9502B092AL Datasheet HTML 18Page - Torex Semiconductor XC9502B092AL Datasheet HTML 19Page - Torex Semiconductor XC9502B092AL Datasheet HTML 20Page - Torex Semiconductor XC9502B092AL Datasheet HTML 21Page - Torex Semiconductor XC9502B092AL Datasheet HTML 22Page - Torex Semiconductor XC9502B092AL Datasheet HTML 23Page - Torex Semiconductor XC9502B092AL Datasheet HTML 24Page - Torex Semiconductor XC9502B092AL Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
< 2ch Step-down DC/DC Controller >
(4) Output Voltage vs. Output Current (Continued)
* When setting VOUT = 1.0V, VIN = 8.0V, 10.0V
CL should be 94
µF (Tantalum) + 100µF (OS capacitor)
21
XC9502 Series
2ch. Step-up / down DC/DC Controller ICs
FOSC=300kHz, VOUT2=5.0V
4.7
4.8
4.9
5.0
5.1
5.2
0.1
1
10
100
1000
Output Current2 IOUT2 (mA)
PWM/PFM Switching Control
PWM Control
L2=10
µH(CDRH5D28), CL2=94µF(Tantalum)
SD2:CMS02, Tr2:XP162A12A6P
VIN= 6.0V 8.0V 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com