Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1809 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SK1809
Description  Low on-resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1809 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1809 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1809 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
2SK1809
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 10mA
600
V
V(BR)GSS
Gate-Source Breakdown Voltage
VDS= 0; IG= 100μA
±30
V
VGS(th)
Gate Threshold Voltage
VDS= 10V; ID=1mA
2.0
3.0
V
VDF
Body to drain diode forward voltage
IS= 5A, VGS = 0
0.9
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 2.5A
1.5
Ω
IGSS
Gate-Body Leakage Current
VGS= ±25V;VDS= 0
±10
μA
IDSS
Zero Gate Voltage Drain Current
VDS=500V; VGS= 0
250
μA
Ciss
Input capacitance
VDS=10V;
VGS=0V;
fT=1MHz
1000
pF
Crss
Reverse transfer capacitance
45
Coss
Output capacitance
250
tr
Rise time
VGS=10V;
ID=2.5A;
VDD=200V;
RL=12Ω
45
ns
ton
Turn-on time
12
tf
Fall time
55
toff
Turn-off time
105
PDF pdfFactory Pro
www.fineprint.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com