Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC51-1T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SC51-1T
Description  Diamond Bonding and Grounding Hardware
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC51-1T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SC51-1T Datasheet HTML 1Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 2Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 3Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 4Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 5Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 6Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 7Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 8Page - List of Unclassifed Manufacturers SC51-1T Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
35
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Bonding and Grounding Hardware
Mechanical - Ground Rod Clamps
Bonding &
Grounding
Hardware
Type JAB Ground Rod Clamps
• Cast of high strength corrosion resistant
copper alloy CDA955.
• Hex head.
• Long bearing surface of clamp on ground
wire secures ground connection.
• U.L. Listed for direct burial.
Part Number
Nominal Rod
Diameter
Wire Range
Dimensions (IN)
Package
Quantity
IN
MM
Max
Min
Max
(MM2)
Min
(MM2)
A
(Max)
Socket
Screw
A
(Max)
Hex
Bolt
Screw
Thread
Size
B
C
D
JAB12H-DS
1/2
12.7
2 Str.
10 Sol.
33.6
5.2
1-19/32 2-3/32
7/16"-
14UNC
15/16"
63/64"
11/16"
100
JAB34H-DS
3/4
19.0
1/0 Str.
8 Sol.
53.4
8.3
2
2-11/32 7/16"-
14UNC
11/16"
1"
51/64"
50
JAB58H-DS
5/8
15.8
1/0 Str.
8 Sol.
53.4
8.3
1-27/32 2-13/64 7/16"-
14UNC
51/64"
7/8"
19/32"
50
Part Number
Nominal Rod
Diameter
Wire Range
Dimensions (IN)
Package
Quantity
IN
MM
Max
Min
Max
(MM2)
Min
(MM2)
A
(Max)
Bolt
Screw
Thread
Size
B
C
D
E
G3-DS
3/8
9.5
4 Str.
10 Sol.
21.6
5.2
--
5/16"-
18UNC 11/16"
1/2"
27/64"
3/8"
100
G4-DS
1/2
12.7
2 Str.
10 Sol.
33.6
5.2
--
3/8"-
16UNC 49/64" 21/32" 33/64"
1/2"
100
G5-DS
5/8
15.8
2 Str.
10 Sol.
33.6
5.2
--
3/8"-
16UNC 29/32" 19/32" 21/32"
1/2"
50
• A dependable ground connection offered at a
substantial savings.
• Cast of high strength corrosion-resistant
copper alloy CDA955.
• Hex head bolts.
• Simplified compact design will make a lasting,
trouble-free connection.
• U.L. Listed for direct burial.
JAB12HDS
JAB34HDS
JAB58HDS
Type G Ground Rod Clamps
G3DS
G4DS
G5DS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com