Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBT2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IBT2
Description  Diamond Bonding and Grounding Hardware
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IBT2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IBT2 Datasheet HTML 1Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 2Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 5Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 6Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 7Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 8Page - List of Unclassifed Manufacturers IBT2 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
31
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Bonding and Grounding Hardware
Ground Blocks
Grounding Blocks
Grounding Bracket
• Grounding bracket permits upgrading number of drops by mounting 2, 3 or 4 way
splitters simply by using the SC09 splitter ring nut for mounting.
• Made of G90 Galvanize Steel + Trivalent Chromate..
Part Number
Description
Inner
Pack
Outer
Pack
GBS81K
Single Ground Block - Outdoor Precision F81
#14 AWG through #6 AWG Copper Ground Wire
--
500
SC12N-81
Single Ground Block with One Precision TBCF81 Connector - 3GHz #14
to #10 AWG Copper Grounding Wire. Made of G90 Galvanize Steel +
Trivalent Ch romate
--
150
SC12N81-1G
Single Ground Block with One Precision F81 Connector - 1GHz #14
to #10 AWG Copper Grounding Wire. Made of G90 Galvanize Steel +
Trivalent Chromate
--
150
SC12KF81-1
Single Ground Block with One Precision KF81-1 Connector - 3GHz #14
to #10 AWG Copper Grounding Wire. Made of G90 Galvanize Steel +
Trivalent Chromate
--
150
SC12-SS
Single Stainless Steel Ground Block with One Precision F81 Connector
- 2GHz #14 to #10 AWG Copper Grounding Wire.
--
150
SC12DNS-81
Dual Ground Block with One Precision TBCF81
Connector - 3GHz #14 to #10 AWG Copper Grounding Wire. Made of
G90 Galvanize Steel + Trivalent Chromate
--
100
SC12DNS81-25
Dual Ground Block with One Precision TBCF81 Connector - 3GHz. #14
to #10 AWG Copper Grounding Wire. Made of G90 Galvanize Steel +
Trivalent Chromate
--
100
SC12DN-81
Dual Ground Block with Two Precision TBCF81
Connectors - 3GHz #14 to #10 AWG Copper Grounding Wire. Made of
G90 Galvanize Steel + Trivalent Chromate
--
100
SC12D2-SS
Dual Stainless Steel Ground Block with Two Precision
F81 Connectors - 2GHz #14 to #10 AWG Copper Grounding Wire.
--
100
SC12D-SS
Dual Stainless Steel Ground Block with One Precision F81
Connector. 2GHz. Made for #14 to #10AWG Copper Ground Wire
100
Part Number
Description
Inner
Pack
Outer
Pack
SC46DN
Accepts connector for #14 to #10 AWG Copper Grounding
Wire
--
100
Splitter Ring Nut
• Splitter ring nut especially designed for converting the SC12DN grounding blocks to
accept splitters.
Part Number
Description
Inner
Pack
Outer
Pack
SC09-1
Brass, Nickel Plated, .172" Height
250
5,000
SC12DNS-81
SC12N-81
SC12KF81-1
Bonding &
Grounding
Hardware
GBS81K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com