Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSKA6M00CF00-R3 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SFSKA6M00CF00-R3
Description  High attenuation outside bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFSKA6M00CF00-R3 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SFSKA6M00CF00-R3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFSKA6M00CF00-R3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFSKA6M00CF00-R3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
SFSKA6M00CF00-R3
Appearance & Shape
Applications
Other Usage
Audio Visual Equipment
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-R0
330mm Embossed Tape
3000
Features
SMD ceramic filter SFSKA_CF is a small and thin SMD filter sealed
with a metal cap. Recommended for LCD-TVs, and small and thin
tuners.
Features
1. High attenuation outside bandwidth.
2. Small and thin package.
3. Reflow-solderable.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2016/06/24


Similar Part No. - SFSKA6M00CF00-R3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFSKA6M00CF00-R3 MURATA-SFSKA6M00CF00-R3 Datasheet
215Kb / 3P
Filters
logo
Murata Manufacturing Co...
SFSKA6M00CF00-R3 MURATA1-SFSKA6M00CF00-R3 Datasheet
1Mb / 77P
(Filters/Traps/Discriminators) for Audio/Visual Equipment
SFSKA6M00CF00-R3 MURATA1-SFSKA6M00CF00-R3 Datasheet
335Kb / 3P
Filters
04/15/2024
logo
Murata Manufacturing Co...
SFSKA6M00CF00-R3 MURATA-SFSKA6M00CF00-R3_17 Datasheet
215Kb / 3P
Filters
logo
Murata Manufacturing Co...
SFSKA6M00CF00-R3 MURATA1-SFSKA6M00CF00-R3_V01 Datasheet
335Kb / 3P
Filters
04/15/2024
More results

Similar Description - SFSKA6M00CF00-R3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-HAM-CL VICOR-VI-HAM-CL Datasheet
185Kb / 8P
High-Boost Harmonic Attenuation Module
logo
New Japan Radio
NSTS1414 NJRC-NSTS1414 Datasheet
104Kb / 4P
390MHz High Attenuation Type
NSTS1415 NJRC-NSTS1415 Datasheet
109Kb / 4P
420MHz High Attenuation Type
logo
Murata Manufacturing Co...
SFSKA5M50CF00-R3 MURATA-SFSKA5M50CF00-R3 Datasheet
202Kb / 3P
High attenuation outside bandwidth
SFSKA6M50CF00-R3 MURATA-SFSKA6M50CF00-R3 Datasheet
198Kb / 3P
High attenuation outside bandwidth
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1608060KLT WALSIN-RFBPF1608060KLT Datasheet
411Kb / 3P
High attenuation on harmonic suppressed
RFLPF10051G8DCT WALSIN-RFLPF10051G8DCT Datasheet
191Kb / 2P
High Attenuation on harmonic Suppressed
logo
Schurter Inc.
FMABNEO SCHURTER-FMABNEO_V02 Datasheet
1Mb / 13P
AC Filter, High Symmetrical Attenuation
23.11.2021
logo
Greystone Energy System...
THOB GREYSTONE-THOB Datasheet
214Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
THOS GREYSTONE-THOS Datasheet
251Kb / 2P
OUTSIDE HIGH LIMIT THERMOSTAT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com